Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 267Page - Renesas Technology Corp 7906 Datasheet HTML 268Page - Renesas Technology Corp 7906 Datasheet HTML 269Page - Renesas Technology Corp 7906 Datasheet HTML 270Page - Renesas Technology Corp 7906 Datasheet HTML 271Page - Renesas Technology Corp 7906 Datasheet HTML 272Page - Renesas Technology Corp 7906 Datasheet HTML 273Page - Renesas Technology Corp 7906 Datasheet HTML 274Page - Renesas Technology Corp 7906 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-30
11.3 Clock synchronous serial I/O mode
Fig. 11.3.9 Processing after reception is completed
[When not using interrupts]
[When using interrupts]
A UARTi receive interrupt request occurs
when reception is completed.
UARTi receive interrupt
Processing after reading out receive data
UART0 receive buffer register (Address 3616)
UART1 receive buffer register (Address 3E16)
b7
b0
Reading of receive data (Note 2)
Read out receive data.
b7
b
0
Checking completion of reception
1
1
Notes 1: When performing the processing after reception is completed, using an interrupt, be sure to
select a receive interrupt (UARTi receive interrupt mode select bit = “0.”)
2: In the case of an external clock and the RTS function selected, the RTSi output level becomes
“L” when the UARTi receive buffer register is read out. Accordingly, when performing reception
continuously, be sure to write the dummy data to the UARTi transmit buffer register before
reading out the UARTi receive buffer register.
3: This figure shows the bits and registers required for the processing.
See Figure 11.3.12 for the change of flag state and the occurrence timing of an interrupt request.
b7
b0
Checking error
1
1
Overrun error flag
0 : No overrun error
1 : Overrun error detected
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
Receive complete flag
0 : Reception not completed
1 : Reception completed
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com