Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 264Page - Renesas Technology Corp 7906 Datasheet HTML 265Page - Renesas Technology Corp 7906 Datasheet HTML 266Page - Renesas Technology Corp 7906 Datasheet HTML 267Page - Renesas Technology Corp 7906 Datasheet HTML 268Page - Renesas Technology Corp 7906 Datasheet HTML 269Page - Renesas Technology Corp 7906 Datasheet HTML 270Page - Renesas Technology Corp 7906 Datasheet HTML 271Page - Renesas Technology Corp 7906 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-27
11.3 Clock synchronous serial I/O mode
D0 D1 D2 D3
D4 D5 D6 D7 D0 D1 D2 D3 D4
D5
D6
D7
D0 D1 D2 D3 D4 D5 D6 D7
Tc
TCLK
CLKi
TENDi
TxDi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
UARTi transmit register
←UARTi transmit buffer register.
Stopped because transmit enable bit = “0.”
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
Tc = TCLK = 2(n+1) /fi
fi: BRGi count source frequency
n: Value set in BRGi
Cleared to “0” when interrupt request is accepted or cleared to “0” by software.
The above timing diagram applies
when the following conditions are
satisfied:
q Internal clock selected
q CTS function not selected
q CLK polarity select bit = 0
D0 D1
D2 D3 D4 D5
D6 D7
D0 D1
D2 D3 D4 D5
D6 D7
D0 D1 D2 D3
D4 D5 D6
D7
Tc
CTSi
CLKi
TENDi
TxDi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
TCLK
Data is set in UARTi transmit buffer register.
UARTi transmit register
← UARTi transmit buffer register.
Stopped because CTSi = “H.”
Stopped because transmit enable bit = “0.”
TENDi: Next transmit conditions are examined when this signal level is “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
Tc = TCLK = 2(n+1) /fi
fi: BRGi count source frequency
n: Value set in BRGi
Cleared to “0” when interrupt request is accepted or cleared to “0” by software.
The above timing diagram applies when
the following conditions are satisfied:
q Internal clock selected
q CTS function selected
q CLK polarity select bit = 0
Fig. 11.3.6 Example of transmit timing (when internal clock and CTS function selected)
Fig. 11.3.7 Example of transmit timing (when internal clock selected and CTS function not selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com