Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 273Page - Renesas Technology Corp 7906 Datasheet HTML 274Page - Renesas Technology Corp 7906 Datasheet HTML 275Page - Renesas Technology Corp 7906 Datasheet HTML 276Page - Renesas Technology Corp 7906 Datasheet HTML 277Page - Renesas Technology Corp 7906 Datasheet HTML 278Page - Renesas Technology Corp 7906 Datasheet HTML 279Page - Renesas Technology Corp 7906 Datasheet HTML 280Page - Renesas Technology Corp 7906 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-36
11.4 Clock asynchronous serial I/O (UART) mode
11.4 Clock asynchronous serial I/O (UART) mode
Table 11.4.1 lists the performance overview in the UART mode, and Table 11.4.2 lists the functions of
I/O pins in this mode.
Table 11.4.1 Performance overview in UART mode
Item
Transfer data
format
Transfer rate
Error detection
Start bit
Character bit (Transfer data)
Parity bit
Stop bit
When selecting internal clock
When selecting external clock
Functions
1 bit
7 bits, 8 bits, or 9 bits
0 bit or 1 bit (Odd or Even can be selected.)
1 bit or 2 bits
BRGi’s output divided by 16
Maximum 312.5 kbps
4 types (overrun, framing, parity, and summing): presence of an
error can be detected only by check of the error sum flag.
Table 11.4.2 Functions of I/O pins in UART mode
Method of selection
TxD0/P13 or TxD1/P17 switch bit = “0.” (Note)
TxD0/P13 or TxD1/P17 switch bit = “1.”
Port P1 direction register’s corresponding bit = “0”
– (Can be used as a programmable I/O port pin when
performing only transmission.)
Internal/External clock select bit = “1”
Internal/External clock select bit = “0”
See Table 11.2.1.
Pin name
TxDi (P13, P17)
RxDi (P12, P16)
CLKi (P11, P15)
CTSi
/ RTSi (P10, P11,
P14, P15)
Functions
Serial data output pin
Programmable I/O port pin
Serial data input pin
Programmable I/O
port pin
BRGi’s count source input pin
Programmable I/O port pin
CTS input pin
RTS output pin
Programmable I/O port pin
Port P1 direction register: address 0516
Internal/External clock select bit: bit 3 at addresses 3016, 3816
TxD0/P13 switch bit: bit 2 at address AC16
TxD1/P17 switch bit: bit 3 at address AC16
Note: The TxDi pin outputs “H” level while transmission is not performed after the UARTi’s operating mode
is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com