Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 275Page - Renesas Technology Corp 7906 Datasheet HTML 276Page - Renesas Technology Corp 7906 Datasheet HTML 277Page - Renesas Technology Corp 7906 Datasheet HTML 278Page - Renesas Technology Corp 7906 Datasheet HTML 279Page - Renesas Technology Corp 7906 Datasheet HTML 280Page - Renesas Technology Corp 7906 Datasheet HTML 281Page - Renesas Technology Corp 7906 Datasheet HTML 282Page - Renesas Technology Corp 7906 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-38
11.4 Clock asynchronous serial I/O (UART) mode
s
Error-permitted range of transfer baud
During reception, the receive data input to the RxDi pin is taken at the rising edge of the transfer
clock. (Refer to section “11.4.6 Receive operation.”) Accordingly, in order to receive data correctly,
the stop bit must be input when the transfer clock of one-set receive data rises last. Figure 11.4.1
shows the relationship between the transfer clock and receive data.
Fig. 11.4.1 Relationship between transfer clock and receive data
<1ST-8DATA-1SP>
ST
D0
D7
SP
D0
ST
D7
SP
At the falling edge of ST, the transfer clock is
generated, and reception starts.
When the transfer rate of
the receive data is faster
than the rate of the transfer
clock on the receiver side
When the transfer rate of
the receive data is slower
than the rate of the transfer
clock on the receiver side
RxDi
(Receive data)
Transfer clock
(Receiver side)
1 clock
8 clocks
1 clock
9.5 clocks
ST : Start bit
SP : Stop bit
✻ 1 period of BRGi’s count source (Maximum)
According to the condition of the input timing,
a maximum of this period (✻) can be omitted.
✻
SP must be detected at
this last rising edge of
the transfer clock.
Accordingly, the transfer rate of the receiver and transmitter sides must satisfy the following formula
in order to receive data correctly.
Br: Transfer rate on receiver side (bps)
Bt: Transfer rate on transmitter side (bps)
F : BRGi’s count source frequency on receiver side (Hz)
b : Entire bit number of one-set data
(ex: 12 bits in the case of 1ST-8DATA-1PAR-2SP; See Figure 11.4.2.)
1
Bt
1
F
1
F
1
Br
1
Bt
✕ (b – 1) +
✕ (b – 0.5) +
✕ b
<
<
Be sure to satisfy the above formula, and set the timing with enough margin. Also, the user shall
make sufficient evaluation before actually using it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com