| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 280 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 280 Page - Renesas Technology Corp |
|
280 / 531 page ![]() 7906 Group User’s Manual Rev.2.0 11-39 SERIAL I/O 11.4 Clock asynchronous serial I/O (UART) mode 11.4.2 Transfer data format The transfer data format can be selected from formats shown in Figure 11.4.2. Bits 4 to 6 at addresses 3016 and 3816 select the transfer data format. (See Figure 11.2.2.) Set the same transfer data format for both transmitter and receiver sides. Figure 11.4.3 shows an example of transfer data format. Table 11.4.5 lists each bit in transmit data. Transfer data length of 7 bits 1ST—7DATA 1SP 1ST—7DATA 2SP 1ST—7DATA—1PAR— 1SP 1ST—7DATA—1PAR— 2SP Transfer data length of 8 bits 1ST—8DATA 1SP 1ST—8DATA 2SP 1ST—8DATA—1PAR— 1SP 1ST—8DATA—1PAR— 2SP Transfer data length of 9 bits 1ST—9DATA 1SP 1ST—9DATA 2SP 1ST—9DATA—1PAR— 1SP 1ST—9DATA—1PAR— 2SP ST : Start bit DATA : Character bit (Transfer data) PAR : Parity bit SP : Stop bit Fig. 11.4.2 Transfer data format Name ST Start bit DATA Character bit PAR Parity bit SP Stop bit Functions “L” signal equivalent to 1 character bit. This is added immediately before the character bits. It indicates start of data transmission. Transmit data which is set in the UARTi transmit buffer register. A signal that is added immediately after the character bits in order to improve data reliability. The level of this signal changes according to selection of odd/even parity in such a way that the sum of “1”s in the sum of this bit and character bits is always an odd or even number. “H” level signal equivalent to 1 or 2 character bits. This is added immediately after the character bits (or parity bit when parity is enabled). It indicates completion of data transmission. Fig. 11.4.3 Example of transfer data format Table 11.4.5 Each bit in transmit data Time • 1ST–8DATA–1PAR–1SP ST LSB MSB PAR SP ST Transmit/Receive data DATA (8 bits) Next transmit/receive data (When continuously transferred) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |