Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 272Page - Renesas Technology Corp 7906 Datasheet HTML 273Page - Renesas Technology Corp 7906 Datasheet HTML 274Page - Renesas Technology Corp 7906 Datasheet HTML 275Page - Renesas Technology Corp 7906 Datasheet HTML 276Page - Renesas Technology Corp 7906 Datasheet HTML 277Page - Renesas Technology Corp 7906 Datasheet HTML 278Page - Renesas Technology Corp 7906 Datasheet HTML 279Page - Renesas Technology Corp 7906 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-35
[Precautions for clock synchronous serial I/O mode]
[Precautions for clock synchronous serial I/O mode]
1. A transfer clock is generated by operation of the transmit control circuit. Accordingly, even when performing
only reception, the transmit operation (in other words, setting for transmission) must be performed. In this
case, be sure to set as follows. Additionally, in this case, dummy data is output from the TxDi pin to the
external:
• When performing reception, be sure to enable the reception after dummy data is set to the low-order
byte of the UARTi transmit buffer register. Also, be sure to set dummy data at each 1-byte data
reception.
• At reception, be sure to set the receive enable bit and transmit enable bit to “1” simultaneously.
When performing only reception, if any of the TxD0/P13 and TxD1/P17 switch bits (bits 2 and 3 at address
AC16) is set to “1,” the corresponding TxDi pin can be used as a programmable I/O port pin.
2. When an external clock is selected, with the input level at the CLKi pin = “H” (the CLK polarity select bit
= “0”) or “L” (the CLK polarity select bit = “1”), be sure to satisfy all of the following three conditions:
<At transmission>
➀ Transmit data is written to the UARTi transmit buffer register.
➁ The transmit enable bit is set to “1.”
➂ “L” level is input to the CTSi pin (when the CTS function selected).
<At reception>
➀ Dummy data is written to the UARTi transmit buffer register.
➁ The receive enable bit is set to “1.”
➂ The transmit enable bit is set to “1.”
3. While the CTSi/RTSi separation is selected, the CLKi pin cannot be used. Accordingly, in the clock
synchronous serial I/O mode, the CTSi/RTSi separation cannot be selected.
4. Writing to the UARTi baud rate register (BRGi) must be performed while transmission/reception halts.
5. When an internal clock is selected, do not use the RTS function because the RTS output is undefined.
6. When performing transmission, be sure to clear any of the TxD0/P13 and TxD1/P17 switch bits to “0” (bits
2 and 3 at address AC16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com