Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 274Page - Renesas Technology Corp 7906 Datasheet HTML 275Page - Renesas Technology Corp 7906 Datasheet HTML 276Page - Renesas Technology Corp 7906 Datasheet HTML 277Page - Renesas Technology Corp 7906 Datasheet HTML 278Page - Renesas Technology Corp 7906 Datasheet HTML 279Page - Renesas Technology Corp 7906 Datasheet HTML 280Page - Renesas Technology Corp 7906 Datasheet HTML 281Page - Renesas Technology Corp 7906 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 531 page
background image
7906 Group User’s Manual Rev.2.0
11-37
SERIAL I/O
11.4 Clock asynchronous serial I/O (UART) mode
11.4.1 Transfer rate (Frequency of transfer clock)
The transfer rate is determined by the BRGi (addresses 3116, 3916).
When “n” is set into BRGi, BRGi divides the count source frequency by (n + 1). The BRGi’s output is further divided
by 16, and the resultant clock becomes the transfer clock. Accordingly, “n” is expressed by the following formula.
n =
— 1
F
16 ✕ B
n: Value set in BRGi (0016 to FF16)
F: BRGi’s count source frequency (Hz)
B: Transfer rate (bps)
An internal clock or an external clock can be selected as the BRGi’s count source with the internal/external
clock select bit (bit 3 at addresses 3016, 3816). When an internal clock is selected, the clock selected with
the BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the BRGi’s count source.
When an external clock is selected, the clock input to the CLKi pin becomes the BRGi’s count source.
Be sure to set the same transfer rate for both transmitter and receiver sides. Tables 11.4.3 and 11.4.4 list
the setting examples of transfer rate.
Each of the values, listed in these tables, realizes the actual transfer rate of which error toward an ideal
transfer rate is within 1 %.
Table 11.4.3 Setting examples of transfer rate (1)
Table 11.4.4 Setting examples of transfer rate (2)
Note: This applies when the peripheral device’s clock select bits 1, 0 (bits 7, 6 at address BC16) = “002.”
BRGi’s set
value: n (Note)
63 (3F16)
127 (7F16)
63 (3F16)
31 (1F16)
127 (7F16)
63 (3F16)
42 (2A16)
31 (1F16)
15 (0F16)
Actual time
(bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
14288.37
19200.00
38400.00
BRGi’s
count source
f64
f16
f16
f2
f2
f2
f2
BRGi’s set
value: n (Note)
64 (4016)
129 (8116)
64 (4016)
129 (8116)
64 (4016)
42 (2A16)
19 (1316)
Actual time
(bps)
300.48
600.96
1201.92
4807.69
9615.38
14534.88
31250.00
BRGi’s
count source
f64
f16
f16
f16
f2
f2
f2
f2
f2
fsys = 20 MHz
fsys = 19.6608 MHz
Transfer
rate (bps)
300
600
1200
2400
4800
9600
14400
19200
31250
38400
BRGi’s set
value: n (Note)
51 (3316)
103 (6716)
51 (3316)
207 (CF16)
103 (6716)
51 (3316)
34 (2216)
25 (1916)
15 (0F16)
12 (0C16)
Actual time
(bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
14262.86
19200.00
31200.00
38400.00
BRGi’s
count source
f64
f16
f16
f2
f2
f2
f2
f2
f2
BRGi’s set
value: n (Note)
51 (3316)
103 (6716)
51 (3316)
207 (CF16)
103 (6716)
51 (3316)
25 (1916)
15 (0F16)
12 (0C16)
Actual time
(bps)
300.48
600.96
1201.92
2403.85
4807.69
9615.38
19230.77
31250.00
38461.51
BRGi’s
count source
f64
f16
f16
f2
f2
f2
f2
f2
f2
f2
fsys = 16 MHz
fsys = 15.9744 MHz
Transfer
rate (bps)
300
600
1200
2400
4800
9600
14400
19200
31250
38400
Note: This applies when the peripheral device’s clock select bits 1, 0 (bits 7, 6 at address BC16) = “002.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com