Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 277Page - Renesas Technology Corp 7906 Datasheet HTML 278Page - Renesas Technology Corp 7906 Datasheet HTML 279Page - Renesas Technology Corp 7906 Datasheet HTML 280Page - Renesas Technology Corp 7906 Datasheet HTML 281Page - Renesas Technology Corp 7906 Datasheet HTML 282Page - Renesas Technology Corp 7906 Datasheet HTML 283Page - Renesas Technology Corp 7906 Datasheet HTML 284Page - Renesas Technology Corp 7906 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-40
11.4 Clock asynchronous serial I/O (UART) mode
11.4.3 Method of transmission
Figure 11.4.4 shows an initial setting example for relevant registers when transmitting.
The difference depending on the transfer data length (7 bits, 8 bits, or 9 bits) is the transmit data’s length
only. When selecting a 7- or 8-bit data length, be sure to set the transmit data into the low-order byte of
the UARTi transmit buffer register. When selecting a 9-bit data length, be sure to set the transmit data into
the low-order byte and bit 0 of the high-order byte.
Transmission is started when all of the following conditions (➀ to ➂) are satisfied:
➀ Transmit data is present in the UARTi transmit buffer register (transmit buffer empty flag = “0”).
➁ Transmit is enabled (transmit enable bit = “1”).
➂ The CTSi pin’s input level is “L” (when the CTS function selected).
Note: When the CTS function is not selected, condition ➂ is ignored.
By connecting the RTSi pin (receiver side) and CTSi pin (transmitter side), the timing of transmission and
that of reception can be matched. For details, refer to section “11.4.6 Receive operation.”
When using interrupts, it is necessary to set the relevant registers to enable interrupts. For details, refer
to “CHAPTER 6. INTERRUPTS.”
Figure 11.4.5 shows writing data after transmission is started, and Figure 11.4.6 shows detection of
transmit completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com