Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 281Page - Renesas Technology Corp 7906 Datasheet HTML 282Page - Renesas Technology Corp 7906 Datasheet HTML 283Page - Renesas Technology Corp 7906 Datasheet HTML 284Page - Renesas Technology Corp 7906 Datasheet HTML 285Page - Renesas Technology Corp 7906 Datasheet HTML 286Page - Renesas Technology Corp 7906 Datasheet HTML 287Page - Renesas Technology Corp 7906 Datasheet HTML 288Page - Renesas Technology Corp 7906 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-44
11.4 Clock asynchronous serial I/O (UART) mode
11.4.4 Transmit operation
When the receive conditions described in section “11.4.3 Method of transmission” have been satisfied,
a transfer clock is generated, and the following operations are automatically performed after 1 cycle of the
transfer clock or less has passed.
•The UARTi transmit buffer register’s contents are transferred to the UARTi transmit register.
•The transmit buffer empty flag is set to “1.”
•The transmit register empty flag is cleared to “0.”
•A UARTi transmit interrupt request occurs, and the interrupt request bit is set to “1.”
The transmit operations are described below:
➀ Data in the UARTi transmit register is transmitted from the TxDi pin.
➁ This data is transmitted bit by bit sequentially in order of ST
→DATA (LSB)→•••→DATA (MSB)→PAR
→SP according to the transfer data format.
➂ The transmit register empty flag is set to “1” at the center of the stop bit (or the second stop bit if 2 stop
bits selected). This indicates completion of transmission. Additionally, whether the transmit conditions
for the next data are satisfied or not is examined.
When the transmit conditions for the next data are satisfied in step ➂, the start bit is generated following
the stop bit, and the next data is transmitted. When performing transmission continuously, be sure to set
the next transmit data in the UARTi transmit buffer register during transmission (i.e. when the transmit
register empty flag = “0”). When the transmit conditions for the next data are not satisfied, the TxDi pin
outputs “H” level and the transfer clock stops.
Figures 11.4.7 and 11.4.8 show examples of transmit timing when the transfer data length = 8 bits, and
Figure 11.4.9 shows an example of transmit timing when the transfer data length = 9 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com