Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 285Page - Renesas Technology Corp 7906 Datasheet HTML 286Page - Renesas Technology Corp 7906 Datasheet HTML 287Page - Renesas Technology Corp 7906 Datasheet HTML 288Page - Renesas Technology Corp 7906 Datasheet HTML 289Page - Renesas Technology Corp 7906 Datasheet HTML 290Page - Renesas Technology Corp 7906 Datasheet HTML 291Page - Renesas Technology Corp 7906 Datasheet HTML 292Page - Renesas Technology Corp 7906 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-48
11.4 Clock asynchronous serial I/O (UART) mode
Reception will start when the start bit (’s
falling edge) is detected.
Port P1 direction register (Address 516)
b7
b0
0
0
Pin RxD0
Pin RxD1
UART0 baud rate register (BRG0) (Address 3116)
UART1 baud rate register (BRG1) (Address 3916)
b7
b0
Can be set to “0016” to “FF16.”
UART0 receive interrupt control register (Address 7216)
UART1 receive interrupt control register (Address 7416)
b7
b0
Interrupt priority level select bits
When using interrupts, set these bits to
one of levels 1 to 7.
When disabling interrupts, set these bits
to level 0.
✻ Set the same transfer data format
as that of the transmitter side.
1
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
b0
Receive enable bit
1: Reception enabled
UART0 transmit/receive mode register (Address 3016)
UART1 transmit/receive mode register (Address 3816)
b7
b0
Internal/External clock select bit
0: Internal clock
1: External clock
1 0 0: UART mode (7 bits)
1 0 1: UART mode (8 bits)
1 1 0: UART mode (9 bits)
Stop bit length select bit
0: 1 stop bit
1: 2 stop bits
Odd/Even parity select bit
0: Odd parity
1: Even parity
Parity enable bit
0: Parity is disabled.
1: Parity is enabled.
Sleep select bit
0: Sleep mode cleared (invalid)
1: Sleep mode selected
1
b2 b1 b0
UART0 transmit/receive control register 0 (Address 3416)
UART1 transmit/receive control register 0 (Address 3C16)
b7
b0
BRG count source select bits
CTS/RTS function select bit
0: CTS function selected
1: RTS function selected
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b1 b0
0
0
CTS/RTS enable bit
0: CTS/RTS function is enabled.
1: CTS/RTS function is disabled.
Notes 1: The CLKi pin cannot be used
when the CTSi/RTSi separation
is selected. (Refer to “[Precau-
tion for clock asynchronous
serial I/O (UART) mode].”)
2: When performing reception only,
if these bits are set to “1,” the
TxDi pin can be used as a
programmable I/O port pin.
UARTi receive interrupt mode select bit
0: Reception interrupt
1: Reception error interrupt
Serial I/O mode select bit
Serial I/O pin control register (Address AC16)
b7
b0
CTS0/RTS0 separate select bit
0: CTS0/RTS0 are used together.
1: CTS0/RTS0 are separated (Note 1).
CTS1/RTS1 separate select bit
0: CTS1/RTS1 are used together.
1: CTS1/RTS1 are separated (Note 1).
TxD0/P13 switch bit (Note 2)
0: Functions as TxD0.
1: Functions as P13.
TxD1/P17 switch bit (Note 2)
0: Functions as TxD1.
1: Functions as P17.
Fig. 11.4.10 Initial setting example for relevant registers when receiving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com