Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 286Page - Renesas Technology Corp 7906 Datasheet HTML 287Page - Renesas Technology Corp 7906 Datasheet HTML 288Page - Renesas Technology Corp 7906 Datasheet HTML 289Page - Renesas Technology Corp 7906 Datasheet HTML 290Page - Renesas Technology Corp 7906 Datasheet HTML 291Page - Renesas Technology Corp 7906 Datasheet HTML 292Page - Renesas Technology Corp 7906 Datasheet HTML 293Page - Renesas Technology Corp 7906 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 531 page
background image
7906 Group User’s Manual Rev.2.0
11-49
SERIAL I/O
11.4 Clock asynchronous serial I/O (UART) mode
Fig. 11.4.11 Processing after reception is completed
[When not using interrupts]
[When using interrupts]
A UARTi receive interrupt request
occurs when reception is completed.
UARTi receive interrupt
Processing after reading out receive data
UART0 receive buffer register (Addresses 3716, 3616)
UART1 receive buffer register (Addresses 3F16, 3E16)
b15
b8
Reading of receive data
Read out receive data.
b7
b
0
0
0
0
0
0
0
0
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
b
0
Receive complete flag
0 : Reception not completed
1 : Reception completed
Checking completion of reception
1
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
b0
Checking error
Framing error flag
Parity error flag
Error sum flag
0 : No error
1 : Error detected
1
Notes 1: When performing the processing after the reception is completed, using an interrupt,
be sure to select the receive interrupt (UARTi receive interrupt mode select bit = “0”).
2: This figure shows the bits and registers required for the processing.
See Figure 11.4.13 for the change of flag state and the occurrence timing of an
interrupt request.
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
b0
Checking error
Overrun error flag
0 : No overrun error
1 : Overrun error detected
1
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com