Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 289Page - Renesas Technology Corp 7906 Datasheet HTML 290Page - Renesas Technology Corp 7906 Datasheet HTML 291Page - Renesas Technology Corp 7906 Datasheet HTML 292Page - Renesas Technology Corp 7906 Datasheet HTML 293Page - Renesas Technology Corp 7906 Datasheet HTML 294Page - Renesas Technology Corp 7906 Datasheet HTML 295Page - Renesas Technology Corp 7906 Datasheet HTML 296Page - Renesas Technology Corp 7906 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-52
11.4 Clock asynchronous serial I/O (UART) mode
11.4.7 Processing on detecting error
In the UART mode, 3 types of errors can be detected. Each error can be detected when the data in the
UARTi receive register is transferred to the UARTi receive buffer register, and the corresponding error flag
is set to “1.” When any error occurs, the error sum flag is set to “1.” Accordingly, presence of errors can
be judged by using the error sum flag.
Table 11.4.6 lists the conditions for setting each error flag to “1” and method to clear it to “0.”
Additionally, when the receive error interrupt is selected (UARTi receive interrupt mode select bit = “1”),
the UARTi receive interrupt request bit is set to “1” only when each error has occurred. When the receive
interrupt is selected (UARTi receive interrupt mode select bit = “0”), the UARTi receive interrupt request
bit is set to “1” when reception has been completed or when a framing or parity error has occurred. (Even
when an overrun error has occurred, this bit does not change).
Table 11.4.6 Conditions for setting each error flag to “1” and method to clear it to “0”
Method to clear
• Clear the receive enable bit to “0.”
• Clear the receive enable bit to “0.”
• Read out the low-order byte of the UARTi
receive buffer register.
• Clear the receive enable bit to “0.”
• Read out the low-order byte of the UARTi
receive buffer register.
• Clear the all error flags, which are
overrun, framing and parity error flags.
Error flag
Overrun error flag
Framing error flag
Parity error flag
Error sum flag
Conditions for setting
When the next data is prepared in the
UARTi receive register with the receive
complete flag = “1” (i.e. data is present
in the UARTi receive buffer register). In
other words, when the next data is
prepared before the contents of the UARTi
receive buffer register are read out (Note).
When the number of detected stop bits
does not match the set number of stop
bits.
When the sum of “1”s in the sum of the
parity bit and character bits does not match
the set number of “1”s.
When any error listed above has occurred.
Note: The next data is written into the UARTi receive buffer register.
When an error occurs during reception, be sure to initialize the error flag and the UARTi receive buffer
register, and then perform reception again. When it is necessary to perform retransmission owing to an
error which has occurred on the receiver side during transmission, be sure to set the UARTi transmit buffer
register again, and then perform the retransmission.
The method to initialize the UARTi receive buffer register and that to set the UARTi transmit buffer register
again are described below.
(1)
Method to initialize UARTi receive buffer register
➀ Clear the receive enable bit to “0” (reception disabled).
➁ Set the receive enable bit to “1” again (reception enabled).
(2)
Method to set UARTi transmit buffer register again
➀ Clear the serial I/O mode select bits to “0002” (serial I/O invalid).
➁ Set the serial I/O mode select bits again.
➂ Set the transmit enable bit to “1” (transmission enabled), and set the transmit data to the UARTi
transmit buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com