Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 293Page - Renesas Technology Corp 7906 Datasheet HTML 294Page - Renesas Technology Corp 7906 Datasheet HTML 295Page - Renesas Technology Corp 7906 Datasheet HTML 296Page - Renesas Technology Corp 7906 Datasheet HTML 297Page - Renesas Technology Corp 7906 Datasheet HTML 298Page - Renesas Technology Corp 7906 Datasheet HTML 299Page - Renesas Technology Corp 7906 Datasheet HTML 300Page - Renesas Technology Corp 7906 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-2
12.1 Overview
12.1 Overview
The A-D conversion is performed in the 8-bit resolution mode or the 10-bit resolution mode. Also, the input
voltage can be compared with the set value by using the A-D converter (in other words, the comparator
function). Whether to perform the A-D conversion or comparison can be selected for each pin.
❈ In chapter 12, the operations common to the A-D converter’s functions (8-bit resolution, 10-bit resolution,
comparator) are simply referred to as “operation.”
Table 12.1.1 lists the performance specifications of the A-D converter.
Table 12.1.1 Performance specifications of A-D converter
Item
Performance specifications
A-D conversion method
Successive approximation conversion method
Resolution
Either of 8-bit or 10-bit resolution can be selected by software.
Absolute accuracy
8-bit resolution mode
: ±2 LSB
10-bit resolution mode
: ±3 LSB
Analog input pin (Note)
5 pins (AN0 to AN4)
Conversion rate per analog input pin
8-bit resolution mode
: 49
φAD cycles
10-bit resolution mode
: 59
φAD cycles
φAD : A-D converter’s operation clock
Note: For each of analog input pin ANi (i = 0 to 4), whether to use pin ANi as an input pin of the A-D converter or as that
of the comparator can be selected by using the comparator function select register 0 (address DC16).
(1) 8-bit resolution mode
The input voltage from pin ANi (i = 0 to 4) is A-D converted, and the 8-bit A-D conversion result is
stored in A-D register i. (Refer to sections “12.3 A-D conversion method” and “12.5 Comparison
voltage in 8-bit resolution mode.”)
(2) 10-bit resolution mode
The input voltage from pin ANi is A-D converted, and the 10-bit A-D conversion result is stored in
A-D register i. (Refer to section “12.3 A-D conversion method.”)
(3) Comparator function
The 8-bit value which has been set in A-D register i is compared with the voltage input from pin ANi;
and then, the result of comparison is stored into the ANi pin comparator result bit. (Refer to section
“12.6 Comparator function.”)
Comparator function Comparison operation Comparison between the set value and analog input voltage
Comparison rate per
14
φAD cycles
analog input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com