Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 290Page - Renesas Technology Corp 7906 Datasheet HTML 291Page - Renesas Technology Corp 7906 Datasheet HTML 292Page - Renesas Technology Corp 7906 Datasheet HTML 293Page - Renesas Technology Corp 7906 Datasheet HTML 294Page - Renesas Technology Corp 7906 Datasheet HTML 295Page - Renesas Technology Corp 7906 Datasheet HTML 296Page - Renesas Technology Corp 7906 Datasheet HTML 297Page - Renesas Technology Corp 7906 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 531 page
background image
7906 Group User’s Manual Rev.2.0
11-53
SERIAL I/O
11.4 Clock asynchronous serial I/O (UART) mode
11.4.8 Sleep mode
This mode is used to transfer data between the specified microcomputers, which are connected by using
UARTi. The sleep mode is selected by setting the sleep select bit (bit 7 at addresses 3016, 3816) to “1” when
receiving.
In the sleep mode, receive operation is performed when the MSB (D8 when the transfer data = 9-bit length,
D7 when it is 8-bit length, D6 when it is 7-bit length) of the receive data is “1.” Receive operation is not
performed when the MSB is “0.” (The UARTi receive register’s contents are not transferred to the UARTi
receive buffer register. Additionally, the receive complete flag and each error flag do not change, and no
UARTi receive interrupt request occurs.)
The following shows an usage example of the sleep mode when the transfer data = 8-bit length.
➀ Be sure to set the same transfer data format for the master and slave microcomputers. Additionally, be
sure to select the sleep mode for the slave microcomputers.
➁ Then, transmit the data, of which structure is as follows, from the master microcomputer:
• Bit 7 = “1”
• Bits 6 to 0 indicate the address of the slave microcomputer to be communicated
➂ Each slave microcomputer receives the data described in step ➁. (At this time, a UARTi receive interrupt
request occurs.)
➃ Be sure to check for each slave microcomputer, in the interrupt routine, whether bits 6 to 0 of the receive
data match its own address.
➄ For the slave microcomputer of which address matches bits 6 to 0 of the receive data, terminate the
sleep mode. (Do not terminate the sleep mode for the other slave microcomputers.)
By performing steps ➁ to ➄, “the microcomputer which performs transfer” is specified.
➅ Transmit the data of which bit 7 = “0” from the master microcomputer. (Only one slave microcomputer
specified in steps ➁ to ➄ can receive this data. The other microcomputers do not receive this data.)
➆ By repeating step ➅, continuous transfer can be performed between two specific microcomputers. When
communicating with another slave microcomputer, perform steps ➁ to ➄ in order to specify the new
slave microcomputer.
Fig. 11.4.14 Sleep mode
Master
Slave B
Slave A
Slave D
Slave C
Data is transferred between the master
microcomputer and one specific slave microcomputer
selected from multiple slave microcomputers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com