Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 287Page - Renesas Technology Corp 7906 Datasheet HTML 288Page - Renesas Technology Corp 7906 Datasheet HTML 289Page - Renesas Technology Corp 7906 Datasheet HTML 290Page - Renesas Technology Corp 7906 Datasheet HTML 291Page - Renesas Technology Corp 7906 Datasheet HTML 292Page - Renesas Technology Corp 7906 Datasheet HTML 293Page - Renesas Technology Corp 7906 Datasheet HTML 294Page - Renesas Technology Corp 7906 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-50
11.4 Clock asynchronous serial I/O (UART) mode
11.4.6 Receive operation
When the receive enable bit is set to “1,” the UARTi enters the receive-enabled state. Then, reception will
start when ST (’s falling edge) is detected and a transfer clock is generated.
If the RTS function selected, when connecting the RTSi pin to the CTSi pin of the transmitter side, the
timing of transmission and that of reception can be matched. If the RTS function selected, the RTSi pin’s
output level becomes as described below.
When the receive enable bit = “0,” if one of the following is performed, the RTSi pin’s output level becomes
“L” and informs of the transmitter side that reception has become enabled:
• The receive enable bit is set to “1.”
• The low-order byte of the UARTi receive buffer register is read out.
When the receive enable bit = “1,” if the low-order byte of the UARTi receive buffer register is read out,
the RTSi pin’s output level becomes “L.”
Accordingly, when performing reception continuously, an overrun occurrence can be avoided because the
RTS output level does not become “L” until the receive data is read out.
When reception has started, the RTSi pin’s output level becomes “H.”
Figure 11.4.12 shows a connection example.
Fig. 11.4.12 Connection example
The receive operation is described below.
➀ The signal input to the RxDi pin is taken into the most significant bit of the UARTi receive register,
synchronously with the transfer clock’s rising edge.
➁ The contents of the UARTi receive register are shifted, bit by bit, to the right.
➂ Steps ➀ and ➁ are repeated at each rising edge of the transfer clock.
➃ When one set of data has been prepared, in other words, when the shift operation has been performed
several times according to the selected data format, the UARTi receive register’s contents are transferred
to the UARTi receive buffer register.
➄ Simultaneously with step ➃, the receive complete flag is set to “1.” Additionally, when the receive
interrupt is selected (UARTi receive interrupt mode select bit = “0”), a UARTi receive interrupt request
occurs and its interrupt request bit is set to “1.”
The receive complete flag is cleared to “0” when the low-order byte of the UARTi receive buffer register
has been read out. Figure 11.4.13 shows an example of receive timing when the transfer data length = 8
bits.
TxDi
RxDi
TxDi
RxDi
Transmitter side
Receiver side
CTSi
RTSi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com