Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 283Page - Renesas Technology Corp 7906 Datasheet HTML 284Page - Renesas Technology Corp 7906 Datasheet HTML 285Page - Renesas Technology Corp 7906 Datasheet HTML 286Page - Renesas Technology Corp 7906 Datasheet HTML 287Page - Renesas Technology Corp 7906 Datasheet HTML 288Page - Renesas Technology Corp 7906 Datasheet HTML 289Page - Renesas Technology Corp 7906 Datasheet HTML 290Page - Renesas Technology Corp 7906 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-46
11.4 Clock asynchronous serial I/O (UART) mode
The above timing diagram applies when
the following conditions are satisfied:
q Parity disabled
q 2 stop bits
q CTS function not selected
D0 D1
D2 D3 D4 D5 D6 D7
ST
D8
D0 D1
D2 D3 D4 D5 D6 D7
ST
SP
D0 D1
ST
D8
SP
SP SP
Tc
TENDi
TxDi
TENDi: Next transmit conditions are examined when this signal level
becomes “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from
the external.)
Tc = 16 (n + 1)/fi or 16 (n + 1)/fEXT
fi: BRGi count source frequency (internal clock)
fEXT: BRGi count source frequency (external clock)
n: Value set in BRGi
Transfer clock
Transmit enable bit
Transmit buffer
empty flag
Transmit register
empty flag
UARTi transmit
interrupt request bit
Data is set in UARTi transmit buffer register.
Cleared to “0” when interrupt request is accepted or cleared to “0” by software.
UARTi transmit register
← UARTi transmit buffer register
Stopped because transmit enable bit = “0”
ST: Start bit
D0 to D7: Transfer data
P: Parity bit
ST: Stop bit
Fig. 11.4.9 Example of transmit timing when transfer data length = 9 bits (when parity disabled,
2 stop bits selected, CTS function not selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com