Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 249Page - Renesas Technology Corp 7906 Datasheet HTML 250Page - Renesas Technology Corp 7906 Datasheet HTML 251Page - Renesas Technology Corp 7906 Datasheet HTML 252Page - Renesas Technology Corp 7906 Datasheet HTML 253Page - Renesas Technology Corp 7906 Datasheet HTML 254Page - Renesas Technology Corp 7906 Datasheet HTML 255Page - Renesas Technology Corp 7906 Datasheet HTML 256Page - Renesas Technology Corp 7906 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-12
11.2.5 UARTi receive register and UARTi receive buffer register
Figure 11.2.7 shows the block diagram of the receiver; Figure 11.2.8 shows the structure of UARTi receive
buffer register.
11.2 Block description
Fig. 11.2.7 Block diagram of receiver
Clock sync.
SP
SP
PAR
2SP
1SP
UART
0
0
0
0
0
0
0
RxDi
D8
D7
D6
D5
D4
D3
D2
D1
D0
SP : Stop bit
PAR : Parity bit
8-bit UART
9-bit UART
7-bit UART
9-bit UART
Clock sync.
Clock sync.
7-bit UART
8-bit UART
Data bus (even)
Data bus (odd)
UARTi receive register
Parity
enabled
Parity
disabled
UARTi receive
buffer register
Fig. 11.2.8 Structure of UARTi receive buffer register
UART0 receive buffer register (Addresses 3716, 3616)
UART1 receive buffer register (Addresses 3F16, 3E16)
8 to 0
15 to 9
b0
b7
b0
b7
(b15)
(b8)
Receive data is read out from here.
The value is “0” at reading.
Undefined
0
RO
—
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com