Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 248Page - Renesas Technology Corp 7906 Datasheet HTML 249Page - Renesas Technology Corp 7906 Datasheet HTML 250Page - Renesas Technology Corp 7906 Datasheet HTML 251Page - Renesas Technology Corp 7906 Datasheet HTML 252Page - Renesas Technology Corp 7906 Datasheet HTML 253Page - Renesas Technology Corp 7906 Datasheet HTML 254Page - Renesas Technology Corp 7906 Datasheet HTML 255Page - Renesas Technology Corp 7906 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-11
Transmit data is set into the UARTi transmit buffer register. Set the transmit data into the low-order byte
of this register when the microcomputer operates in the clock synchronous serial I/O mode or when a 7-
bit or 8-bit length of transfer data is selected in the UART mode. When a 9-bit length of transfer data is
selected in the UART mode, set the transmit data into the UARTi transmit buffer register as follows:
•Bit 8 of the transmit data into bit 0 of high-order byte of this register.
•Bits 7 to 0 of the transmit data into the low-order byte of this register.
The transmit data which has been set in the UARTi transmit buffer register is transferred to the UARTi
transmit register when the transmission conditions are satisfied, and then it is output from the TxDi pin
synchronously with the transfer clock. The UARTi transmit buffer register becomes empty when the data
set in the UARTi transmit buffer register has been transferred to the UARTi transmit register. Accordingly,
the user can set the next transmit data.
When the “MSB first” is selected in the clock synchronous serial I/O mode, bit position of set data is
reversed, and then the data of which bit position was reversed will be written, as a transmit data, into the
UARTi transmit buffer register. (Refer to section “11.3.2 Transfer data format.”) Transmit operation itself
is the same whichever format is selected, “LSB first” or “MSB first.”
When quitting the transmission which is in progress and setting the UARTi transmit buffer register again,
follow the procedure described bellow:
➀ Clear the serial I/O mode select bits (bits 2 to 0 at addresses 3016, 3816) to “0002” (serial I/O disabled).
➁ Set the serial I/O mode select bits again.
➂ Set the transmit enable bit (bit 0 at addresses 3516, 3D16) to “1” (transmission enabled) and set transmit
data in the UARTi transmit buffer register.
11.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com