Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 244Page - Renesas Technology Corp 7906 Datasheet HTML 245Page - Renesas Technology Corp 7906 Datasheet HTML 246Page - Renesas Technology Corp 7906 Datasheet HTML 247Page - Renesas Technology Corp 7906 Datasheet HTML 248Page - Renesas Technology Corp 7906 Datasheet HTML 249Page - Renesas Technology Corp 7906 Datasheet HTML 250Page - Renesas Technology Corp 7906 Datasheet HTML 251Page - Renesas Technology Corp 7906 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-7
(1)
BRG count source select bits (bits 0 and 1)
Refer to section “11.2.1 (2) Internal/External clock select bit.”
(2)
____ ____
CTS/RTS function select bit (bit 2)
____ ____
Refer to section “11.2.10 CTS/RTS function.”
(3)
Transmit register empty flag (bit 3)
This flag is cleared to “0” when the UARTi transmit buffer register’s contents have been transferred
to the UARTi transmit register. When transmission has been completed and the UARTi transmit
register becomes empty, this flag is set to “1.”
(4)
____ ____
CTS/RTS enable bit (bit 4)
____ ____
Refer to section “11.2.10 CTS/RTS function.”
(5)
UARTi receive interrupt mode select bit (bit 5)
Refer to section “11.2.7 (2) Interrupt request bit.”
(6)
CLK polarity select bit (bit 6)
Refer to section “11.3.1 (3) Polarity of transfer clock.”
(7)
Transfer format select bit (bit 7)
Refer to section “11.3.2 Transfer data format.”
11.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com