Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 243Page - Renesas Technology Corp 7906 Datasheet HTML 244Page - Renesas Technology Corp 7906 Datasheet HTML 245Page - Renesas Technology Corp 7906 Datasheet HTML 246Page - Renesas Technology Corp 7906 Datasheet HTML 247Page - Renesas Technology Corp 7906 Datasheet HTML 248Page - Renesas Technology Corp 7906 Datasheet HTML 249Page - Renesas Technology Corp 7906 Datasheet HTML 250Page - Renesas Technology Corp 7906 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-6
11.2 Block description
11.2.2 UARTi transmit/receive control register 0
Figure 11.2.3 shows the structure of UARTi transmit/receive control register 0.
Fig. 11.2.3 Structure of UARTi transmit/receive control register 0
UART0 transmit/receive control register (Address 3416)
UART1 transmit/receive control register (Address 3C16)
0
1
2
3
4
5
6
7
BRG count source select bits
CTS/RTS function select bit
(Note 1)
Transmit register empty flag
CTS/RTS enable bit
UARTi receive interrupt mode
select bit
CLK polarity select bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note 2)
Transfer format select bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note 2)
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Clock f2
0 1 : Clock f16
1 0 : Clock f64
1 1 : Clock f512
0 : The CTS function is selected.
1 : The RTS function is selected.
0 : Data is present in the transmit register.
(Transmission is in progress.)
1 : No data is present in the transmit register.
(Transmission is completed.)
0 : The CTS/RTS function is enabled.
1 : The CTS/RTS function is disabled.
0 : Reception interrupt
1 : Reception error interrupt
0 : At the falling edge of the transfer clock, transmit
data is output; at the rising edge of the transfer
clock, receive data is input.
When not in transferring, pin CLKi’s level is “H.”
1 : At the falling edge of the transfer clock, transmit
data is output; at the falling edge of the transfer
clock, receive data is input.
When not in transferring, pin CLKi’s level is “L.”
0 : LSB (Least Significant Bit) first
1 : MSB (Most Significant Bit) first
b1 b0
Notes 1: Valid when the CTS/RTS enable bit (bit 4) is “0” and CTSi/RTSi separate select bit (bit 0 or 1 at address AC16) is “0.”
2: Fix these bits to “0” in the UART mode or when serial I/O is disabled.
0
0
0
1
0
0
0
0
RW
RW
RW
RO
RW
RW
RW
RW
Bit name
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com