Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 242Page - Renesas Technology Corp 7906 Datasheet HTML 243Page - Renesas Technology Corp 7906 Datasheet HTML 244Page - Renesas Technology Corp 7906 Datasheet HTML 245Page - Renesas Technology Corp 7906 Datasheet HTML 246Page - Renesas Technology Corp 7906 Datasheet HTML 247Page - Renesas Technology Corp 7906 Datasheet HTML 248Page - Renesas Technology Corp 7906 Datasheet HTML 249Page - Renesas Technology Corp 7906 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-5
(1)
Serial I/O mode select bits (bits 0 to 2)
These bits select a UARTi’s operating mode.
(2)
Internal/External clock select bit (bit 3)
s Clock synchronous serial I/O mode
By clearing this bit to “0” in order to select an internal clock, the clock which is selected with the
BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the count source of
the BRGi. (Refer to section “11.2.6 UARTi baud rate register (BRGi).”) The BRGi’s output
divided by 2 becomes the transfer clock. Additionally, the transfer clock is output from the CLKi
pin.
By setting this bit to “1” in order to select an external clock, the clock input to the CLKi pin
becomes the transfer clock.
s UART mode
By clearing this bit to “0” in order to select an internal clock, the clock which is selected with the
BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the count source of
the BRGi. (Refer to section “11.2.6 UARTi baud rate register (BRGi).”) Then, the CLKi pin
functions as a programmable I/O port pin.
By setting this bit to “1” in order to select an external clock, the clock input to the CLKi pin
becomes the count source of BRGi.
Always in the UART mode, the BRGi’s output divided by 16 becomes the transfer clock.
(3)
Stop bit length select bit, Odd/Even parity select bit, Parity enable bit (bits 4 to 6)
Refer to section “11.4.2 Transfer data format.”
(4)
Sleep select bit (bit 7)
Refer to section “11.4.8 Sleep mode.”
11.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com