Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 304Page - Renesas Technology Corp 7906 Datasheet HTML 305Page - Renesas Technology Corp 7906 Datasheet HTML 306Page - Renesas Technology Corp 7906 Datasheet HTML 307Page - Renesas Technology Corp 7906 Datasheet HTML 308Page - Renesas Technology Corp 7906 Datasheet HTML 309Page - Renesas Technology Corp 7906 Datasheet HTML 310Page - Renesas Technology Corp 7906 Datasheet HTML 311Page - Renesas Technology Corp 7906 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-13
12.3 A-D conversion method
Table 12.3.2 Change of successive approximation register and Vref during A-D conversion (8-bit resolution)
Table 12.3.3 Change of successive approximation register and Vref during A-D conversion (10-bit resolution)
±
1
1
n9
0
0 0 000 0 0 0
00 0 000 00 0
10 0
0 0 0 0 0 0
n9 n8 10 0 0 0
0 00
n9 n8 n7 n6 n5 n4 n3 10 0
n9 n8 n7 n6 n5 n4 n3 n2 00
b9
b0
1st comparison result
2nd comparison result
Successive approximation register
Change of Vref
A-D converter halt
1st comparison
2nd comparison
3rd comparison
8th comparison
Conversion completed
–
2
VREF
2048
VREF
:
2
VREF
±
2
VREF
4
VREF
–
2048
VREF
±
2
VREF
4
VREF
8
VREF
–
2048
VREF
±
±
2
VREF
4
VREF
8
VREF ± ...... ± VREF
256
–
2048
VREF
[V]
[V]
[V]
[V]
[V]
4
VREF
•n9 = 1
4
VREF
•n9 = 0
+
–
8
VREF
8
VREF
•n8 = 1
•n8 = 0
+
–
:
:
:
:
:
1
1
n9
00000
0000
00 0
0 0
0 0 0 0
10 0
0 0 0 000
n9 n8 1000
00 0 0
n9 n8 n7 n6 n5 n4 n3 n2 n1 1
n9 n8 n7 n6 n5 n4 n3 n2 n1 n0
b9
b0
±
–
2
VREF
2048
VREF
2
VREF
±
2
VREF
4
VREF
–
2048
VREF
±
2
VREF
4
VREF
8
VREF
–
2048
VREF
±
±
2
VREF
4
VREF
8
VREF ± ...... ± VREF
1024
–
2048
VREF [V]
[V]
[V]
[V]
[V]
Successive approximation register
Change of Vref
A-D converter halt
1st comparison
2nd comparison
3rd comparison
10th comparison
Conversion completed
1st comparison result
2nd comparison result
4
VREF
•n9 = 1
4
VREF
•n9 = 0
+
–
8
VREF
8
VREF
•n8 = 1
•n8 = 0
+
–
:
:
:
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com