Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 306Page - Renesas Technology Corp 7906 Datasheet HTML 307Page - Renesas Technology Corp 7906 Datasheet HTML 308Page - Renesas Technology Corp 7906 Datasheet HTML 309Page - Renesas Technology Corp 7906 Datasheet HTML 310Page - Renesas Technology Corp 7906 Datasheet HTML 311Page - Renesas Technology Corp 7906 Datasheet HTML 312Page - Renesas Technology Corp 7906 Datasheet HTML 313Page - Renesas Technology Corp 7906 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-15
12.4 Absolute accuracy and Differential non-linearity error
Fig. 12.4.1 Absolute accuracy of A-D converter (10-bit resolution mode)
12.4 Absolute accuracy and Differential non-linearity error
The A-D converter’s accuracy is described below. Refer to section “Appendix 10.4 A-D converter standard
characteristics,” also.
12.4.1 Absolute accuracy
The absolute accuracy is the difference expressed in the LSB between the actual A-D conversion result
and the output code of an A-D converter with ideal characteristics. (See Figure 12.4.1 for more details.)
The analog input voltage at measurement of the absolute accuracy is assumed to be the mid point of the
analog input voltage width that outputs the same output code from an A-D converter with ideal characteristics.
For example, in the case of the 10-bit resolution mode, when VREF = 5.12 V, 1 LSB width is 5 mV, and 0
mV, 5 mV, 10 mV, 15 mV, 20 mV, ... are selected as the analog input voltages.
The absolute accuracy = ±3 LSB indicates that when the analog input voltage is 25 mV, the output code
expected from an ideal A-D conversion characteristics is “00516,” but the actual A-D conversion result is
between “00216” to “00816.”
The absolute accuracy includes the zero error and the full-scale error.
The absolute accuracy degrades when VREF is lowered. Any of the output codes for analog input voltages
in the range from VREF to Vcc is “3FF16.”
00016
00116
00216
00316
00416
00516
00616
0
5
10
1520
253035
4045
5055
00716
00816
00916
00A16
00B16
+3 LSB
–3 LSB
Ideal A-D conversion
characteristics
Analog input voltage (mV)
Output code
(A-D conversion result)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com