Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 310Page - Renesas Technology Corp 7906 Datasheet HTML 311Page - Renesas Technology Corp 7906 Datasheet HTML 312Page - Renesas Technology Corp 7906 Datasheet HTML 313Page - Renesas Technology Corp 7906 Datasheet HTML 314Page - Renesas Technology Corp 7906 Datasheet HTML 315Page - Renesas Technology Corp 7906 Datasheet HTML 316Page - Renesas Technology Corp 7906 Datasheet HTML 317Page - Renesas Technology Corp 7906 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-19
12.7 One-shot mode
12.7 One-shot mode
In the one-shot mode, the operation for an input voltage from one selected analog input pin is performed
once, and an A-D conversion interrupt request occurs at completion of the operation.
12.7.1 Settings for one-shot mode
Figures 12.7.1 and 12.7.2 show initial setting examples for related registers in the one-shot mode.
When using an interrupt, it is necessary to set the related registers to enable an interrupt. Refer to
“CHAPTER 6. INTERRUPTS” for more details.
Fig. 12.7.1 Initial setting example for related registers in one-shot mode (1)
Selection of comparator function
b7
b0
Comparator function select register 0 (Address DC16)
0 : Comparator function is not selected
.
1 : Comparator function is selected.
AN0
AN1
AN2
AN3
AN4
When comparator function is selected
When comparator function is not selected
A-D register i
b7
b0
A-D register 0 (Addresses 2116, 2016 )
A-D register 1 (Addresses 2316, 2216)
A-D register 2 (Addresses 2516, 2416)
A-D register 3 (Addresses 2716, 2616)
A-D register 4 (Addresses 2916, 2816)
b7
b0
(b15)
(b8)
A value (comparison value) in the range
from 0016 through FF16 is set.
Continued on Figure 12.7.2.
b7
b0
A-D control register 0
(Address 1E16)
00
0
0 0 0 : AN0 selected
0 0 1 : AN1 selected
0 1 0 : AN2 selected
0 1 1 : AN3 selected
1 0 0 : AN4 selected
b2 b1 b0
A-D conversion start bit
0 : A-D conversion halts.
Analog input pin select bits
b7
A-D control register 1
(Address 1F16)
X : It may be either “0” or “1.”
A-D conversion frequency (
φAD) select bit 0
See Table 12.2.1.
One-shot mode
b0
Resolution select bit
0 : 8-bit resolution mode
1 : 10-bit resolution mode
A-D conversion frequency (
φAD) select bit 1
See Table 12.2.1.
VREF connection select bit
0 : Pin VREF is connected.
0
0
00
X
X
0
0
0
A-D control registers 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com