Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 313Page - Renesas Technology Corp 7906 Datasheet HTML 314Page - Renesas Technology Corp 7906 Datasheet HTML 315Page - Renesas Technology Corp 7906 Datasheet HTML 316Page - Renesas Technology Corp 7906 Datasheet HTML 317Page - Renesas Technology Corp 7906 Datasheet HTML 318Page - Renesas Technology Corp 7906 Datasheet HTML 319Page - Renesas Technology Corp 7906 Datasheet HTML 320Page - Renesas Technology Corp 7906 Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-22
12.8 Repeat mode
12.8 Repeat mode
In the repeat mode, the A-D conversion for an input voltage from one selected analog input pin is performed
repeatedly.
In this mode, no A-D conversion interrupt request occurs. Additionally, the A-D conversion start bit (bit 6 at
address 1E16) remains set to “1” until it is cleared to “0” by software, and the A-D converter repeates its
operation while the A-D conversion start bit = “1.”
12.8.1 Settings for repeat mode
Figures 12.8.1 and 12.8.2 show initial setting examples for related registers in the repeat mode.
Fig. 12.8.1 Initial setting example for related registers in repeat mode (1)
Selection of comparator function
b7
b0
Comparator function select register 0 (Address DC16)
0 : Comparator function is not selected.
1 : Comparator function is selected.
AN0
AN1
AN2
AN3
AN4
When comparator function is not selected
Continued on Figure 12.8.2.
A-D register i
b7
b0
A-D register 0 (Addresses 2116, 2016)
A-D register 1 (Addresses 2316, 2216)
A-D register 2 (Addresses 2516, 2416)
A-D register 3 (Addresses 2716, 2616)
A-D register 4 (Addresses 2916, 2816)
When comparator function is selected
b7
b0
(b15)
(b8)
A value (comparison value) in the range
from 0016 through FF16 is set.
A-D control registers 0 and 1
b7
b0
A-D control register 0
(Address 1E16)
01
0
0 0 0 : AN0 selected
0 0 1 : AN1 selected
0 1 0 : AN2 selected
0 1 1 : AN3 selected
1 0 0 : AN4 selected
b2 b1 b0
A-D conversion start bit
0 : A-D conversion halts.
Analog input pin select bits
b7
A-D control register 1
(Address 1F16)
Repeat mode
b0
Resolution select bit
0 : 8-bit resolution mode
1 : 10-bit resolution mode
A-D conversion frequency (
φAD) select bit 1
See Table 12.2.1.
VREF connection select bit
0 : Pin VREF is connected.
X
X
0
0
X : It may be either “0” or “1.”
00
0
0
0
A-D conversion frequency (
φAD) select bit 0
See Table 12.2.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com