Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 316Page - Renesas Technology Corp 7906 Datasheet HTML 317Page - Renesas Technology Corp 7906 Datasheet HTML 318Page - Renesas Technology Corp 7906 Datasheet HTML 319Page - Renesas Technology Corp 7906 Datasheet HTML 320Page - Renesas Technology Corp 7906 Datasheet HTML 321Page - Renesas Technology Corp 7906 Datasheet HTML 322Page - Renesas Technology Corp 7906 Datasheet HTML 323Page - Renesas Technology Corp 7906 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-25
12.9 Single sweep mode
12.9 Single sweep mode
In the single sweep mode, the operation for the input voltages from multiple selected analog input pins are
performed, one at a time. The operation is performed in ascending sequence from pin AN0 to pin AN7. An
A-D conversion interrupt request occurs when the operations for all selected analog input pins are completed.
12.9.1 Settings for single sweep mode
Figures 12.9.1 and 12.9.2 show initial setting examples for related registers in the single sweep mode.
When using an interrupt, it is necessary to set the related registers to enable an interrupt. Refer to
“CHAPTER 6. INTERRUPTS” for more details.
Fig. 12.9.1 Initial setting example for related registers in single sweep mode (1)
Selection of comparator function
b7
b0
Comparator function select register 0 (Address DC16)
0 : Comparator function is not selected.
1 : Comparator function is selected.
AN0
AN1
AN2
AN3
AN4
When comparator function is not selected
When comparator function is selected
A-D register i
b7
b0
A-D register 0 (Addresses 2116, 2016 )
A-D register 1 (Addresses 2316, 2216)
A-D register 2 (Addresses 2516, 2416)
A-D register 3 (Addresses 2716, 2616)
A-D register 4 (Addresses 2916, 2816)
b7
b0
(b15)
(b8)
A value (comparison value) in the range
from 0016 through FF16 is set.
Continued on Figure 12.9.2.
A-D control registers 0 and 1
b7
b0
A-D control register 0
(Address 1E16)
10
0
Single sweep mode
X
XX
A-D conversion start bit
0 : A-D conversion halts.
A-D conversion frequency (
φAD) select bit 0
See Table 12.2.1.
A-D sweep pin select bits
b1 b0
0 0 : AN0, AN1 (2 pins)
0 1 : AN0 to AN3 (4 pins)
1 0 : AN0 to AN4 (5 pins)
b7
A-D control register 1
(Address 1F16)
b0
0
Resolution select bit
0 : 8-bit resolution mode
1 : 10-bit resolution mode
A-D conversion frequency (
φAD) select bit 1
See Table 12.2.1.
VREF connection select bit
0 : Pin VREF is connected.
0
X : It may be either “0” or “1.”
000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com