Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 317Page - Renesas Technology Corp 7906 Datasheet HTML 318Page - Renesas Technology Corp 7906 Datasheet HTML 319Page - Renesas Technology Corp 7906 Datasheet HTML 320Page - Renesas Technology Corp 7906 Datasheet HTML 321Page - Renesas Technology Corp 7906 Datasheet HTML 322Page - Renesas Technology Corp 7906 Datasheet HTML 323Page - Renesas Technology Corp 7906 Datasheet HTML 324Page - Renesas Technology Corp 7906 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-26
Fig. 12.9.2 Initial setting example for related registers in single sweep mode (2)
12.9 Single sweep mode
Setting of A-D conversion start bit to “1.”
b7
b0
A-D control register 0
(Address 1E16)
A-D conversion start bit
1
Interrupt priority level
b7
b0
A-D conversion interrupt control register
(Address 7016)
Interrupt priority level select bits
Set the level to one of 1 through 7 when using this interrupt.
Set the level to 0 when disabling interrupts.
Port P7 direction register
b7
b0
Port P7 direction register
(Address 1116)
Clear the bits, corresponding to
the selected analog input pins,
to “0.”
AN0
AN1
AN2
AN3
AN4
Interrupt request bit
“0” : No interrupt requested
0
Operation starts.
Trigger generated
Continued from preceding Figure 12.9.
1
Note: Writing to the following must be performed while the A-D converter
halts (in other words, before a trigger is generated); this must be done
independent of the operation mode of the A-D converter.
• Each bit of the A-D control register 0, except bit 6
• Each bit of the A-D control register 1
• A-D register i (when the comparator function is selected)
• Comparator function select register 0
Especially, when the VREF connection select bit is cleared from “1” to “0,”
an interval of 1
µs or more must be elapsed before occurrence of a trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com