Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 320Page - Renesas Technology Corp 7906 Datasheet HTML 321Page - Renesas Technology Corp 7906 Datasheet HTML 322Page - Renesas Technology Corp 7906 Datasheet HTML 323Page - Renesas Technology Corp 7906 Datasheet HTML 324Page - Renesas Technology Corp 7906 Datasheet HTML 325Page - Renesas Technology Corp 7906 Datasheet HTML 326Page - Renesas Technology Corp 7906 Datasheet HTML 327Page - Renesas Technology Corp 7906 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-29
Fig. 12.10.2 Initial setting example for related registers in repeat sweep mode 0 (2)
12.10 Repeat sweep mode 0
Operation starts.
Trigger generated
Setting of A-D conversion start bit to “1.”
b7
b0
A-D control register 0
(Address 1E16)
A-D conversion start bit
1
Port P7 direction register
b7
b0
Port P7 direction register
(Address 1116)
Clear the bits, corresponding to the
selected analog input pins, to “0.
”
AN0
AN1
AN2
AN3
AN4
Continued from preceding Figure 12.10.1
Note: Writing to the following must be performed while the A-D converter
halts (in other words, before a trigger is generated); this must be done
independent of the operation mode of the A-D converter.
• Each bit of the A-D control register 0, except bit 6
• Each bit of the A-D control register 1
• A-D register i (when the comparator function is selected)
• Comparator function select register 0
Especially, when the VREF connection select bit is cleared from “1” to “0,”
an interval of 1
µs or more must be elapsed before occurrence of a trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com