Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 318Page - Renesas Technology Corp 7906 Datasheet HTML 319Page - Renesas Technology Corp 7906 Datasheet HTML 320Page - Renesas Technology Corp 7906 Datasheet HTML 321Page - Renesas Technology Corp 7906 Datasheet HTML 322Page - Renesas Technology Corp 7906 Datasheet HTML 323Page - Renesas Technology Corp 7906 Datasheet HTML 324Page - Renesas Technology Corp 7906 Datasheet HTML 325Page - Renesas Technology Corp 7906 Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-27
12.9 Single sweep mode
12.9.2 Single sweep mode operation
➀ The A-D converter starts its operation for the input voltage at pin AN0 when the A-D conversion start
bit is set to “1.”
➁ The A-D conversion for the input voltage at pin AN0 is completed after 49 cycles of
φAD in the 8-
bit resolution mode, or 59 cycles of
φAD in the 10-bit resolution mode. Then, the contents of the
successive approximation register (conversion result) are transferred to the A-D register 0.
When the comparator function is selected, the comparison for pin AN0 is completed after 14 cycles
of
φAD. Then, the result of the comparison is stored into the AN0 pin comparator result bit.
➂ The operations for all selected analog input pins are performed.
In the 8-bit and 10-bit resolution modes, the conversion result is transferred to the corresponding
A-D register i each time when the A-D conversion per one pin is completed. When the comparator
function is selected, the comparison result is stored into the ANi pin comparator result bit each time
the comparison for one pin is completed.
➃ When step ➂ is completed, the A-D conversion interrupt request bit is set to “1.”
➄ The A-D conversion start bit is cleared to “0,” and the A-D converter halts.
Note that the operation time for pins AN0 to AN4 is equivalent to the time for 6 pins when the A-D sweep
pin select bits (bits 1, 0 at address 1F16) = “102.”
Figure 12.9.3 shows the operation in the single sweep mode.
Fig. 12.9.3 Operation in single sweep mode
Convert input voltage at pin ANi
or
Compare input voltage at pin ANi
A-D converter halts.
A-D converter interrupt request occurs.
Trigger generated
Conversion result
A-D register 0
Convert input voltage at pin AN1
or
Compare input voltage at pin AN1
Convert input voltage at pin AN0
or
Compare input voltage at pin AN0
Comparison result
AN0 pin comparator result bit
Conversion result
A-D register 1
Comparison result
AN1 pin comparator result bit
Conversion result
A-D register i
Comparison result
ANi pin comparator result bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com