Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 319Page - Renesas Technology Corp 7906 Datasheet HTML 320Page - Renesas Technology Corp 7906 Datasheet HTML 321Page - Renesas Technology Corp 7906 Datasheet HTML 322Page - Renesas Technology Corp 7906 Datasheet HTML 323Page - Renesas Technology Corp 7906 Datasheet HTML 324Page - Renesas Technology Corp 7906 Datasheet HTML 325Page - Renesas Technology Corp 7906 Datasheet HTML 326Page - Renesas Technology Corp 7906 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-28
12.10 Repeat sweep mode 0
12.10 Repeat sweep mode 0
In the repeat sweep mode, the A-D conversions for input voltages from multiple selected analog input pins
are performed repeatedly. The A-D conversion is performed in ascending sequence from pin AN0 to pin AN7.
In this mode, no A-D conversion interrupt request occurs. Additionally, the A-D conversion start bit (bit 6 at
address 1E16) remains set to “1” until it is cleared to “0” by software, and the A-D converter repeates its
operation while the A-D conversion start bit = “1.”
12.10.1 Settings for repeat sweep mode 0
Figures 12.10.1 and 12.10.2 show initial setting examples for related registers in the repeat sweep mode 0.
Fig. 12.10.1 Initial setting example for related registers in repeat sweep mode 0 (1)
Selection of comparator function
b7
b0
Comparator function select register 0 (Address DC16)
0 : Comparator is not selected.
1 : Comparator is selected.
AN0
AN1
AN2
AN3
AN4
A-D register i
b7
b0
A-D register 0 (Addresses 2116, 2016 )
A-D register 1 (Addresses 2316, 2216)
A-D register 2 (Addresses 2516, 2416)
A-D register 3 (Addresses 2716, 2616)
A-D register 4 (Addresses 2916, 2816)
When comparator function is selected
When comparator function is not selected
b7
b0
(b15)
(b8)
A value (comparison value) in the range
from 0016 through FF16 is set.
Continued on Figure 12.10.2.
A-D control registers 0 and 1
b7
b0
A-D control register 0
(Address 1E16)
11
0
Repeat sweep mode 0
X
XX
A-D conversion start bit
0 : A-D conversion halts.
A-D conversion frequency (
φAD) select bit 0
See Table 12.2.1.
A-D sweep pin select bits
b1 b0
0 0 : AN0, AN1 (2 pins)
0 1 : AN0 to AN3 (4 pins)
1 0 : AN0 to AN4 (5 pins)
b7
A-D control register 1
(Address 1F16)
b0
0
Resolution select bit
0 : 8-bit resolution mode
1 : 10-bit resolution mode
A-D conversion frequency (
φAD) select bit 1
See Table 12.2.1.
0
VREF connection select bit
0 : Pin VREF is connected.
X : It may be either “0” or “1.”
0
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com