Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 322Page - Renesas Technology Corp 7906 Datasheet HTML 323Page - Renesas Technology Corp 7906 Datasheet HTML 324Page - Renesas Technology Corp 7906 Datasheet HTML 325Page - Renesas Technology Corp 7906 Datasheet HTML 326Page - Renesas Technology Corp 7906 Datasheet HTML 327Page - Renesas Technology Corp 7906 Datasheet HTML 328Page - Renesas Technology Corp 7906 Datasheet HTML 329Page - Renesas Technology Corp 7906 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-31
[Precautions for A-D converter]
[Precautions for A-D converter]
1. Be sure to clear the VREF connection select bit to “0.”
2. Writing to the following must be performed before a trigger is generated (in other words, while the A-D
converter halts); this must be done independent of the operation mode of the A-D converter.
• Each bit of the A-D control register 0, except bit 6
• Each bit of the A-D control register 1
• A-D register i (when the comparator function is selected)
• Comparator function select register 0
• Comparator result register 0
Especially, when any instruction which clears the VREF connection select bit from “1” to “0” has been
executed (in other words, the resistor ladder network is connected with pin VREF by this instruction), an
interval of 1
µs or more must be elapsed before occurrence of a trigger.
3. Reading from A-D register i (when the comparator function is selected) must be performed before occurrence
of a trigger (in other words, while the A-D converter halts.). The value undefined at reading.
4. When using pin AN3, be sure that the D-A0 output enable bit (bit 0 at address 9616) = “0” (output disabled).
When using pin AN4, be sure that the D-A1 output enable bit (bit 1 at address 9616) = “0” (output disabled).
5. Note that the operation time for pins AN0 to AN4 is equivalent to the time for 6 pins when the A-D sweep
pin select bits (bits 1, 0 at address 1F16) = “102” in the single sweep mode and repeat sweep mode 0.
6. Refer to section “Appendix. 7 Countermeasures against noise” when using the A-D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com