Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 326Page - Renesas Technology Corp 7906 Datasheet HTML 327Page - Renesas Technology Corp 7906 Datasheet HTML 328Page - Renesas Technology Corp 7906 Datasheet HTML 329Page - Renesas Technology Corp 7906 Datasheet HTML 330Page - Renesas Technology Corp 7906 Datasheet HTML 331Page - Renesas Technology Corp 7906 Datasheet HTML 332Page - Renesas Technology Corp 7906 Datasheet HTML 333Page - Renesas Technology Corp 7906 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 531 page
background image
D-A CONVERTER
7906 Group User’s Manual Rev.2.0
13-3
13.2 Block description
13.2.1 D-A control register
Figure 13.2.2 shows the structure of the D-A control register.
Pin DAi (i = 0, 1) serves as the analog voltage output pin of the D-A converter. Since pin DAi is equipped
with no internal buffer amplifier, it is necessary to connect a buffer amplifier externally to pin DAi, if this
pin is needed to be connected with a low-impedance load.
Pin DAi is multiplexed with an analog input pin, external interrupt input pin, and trigger input pin in the pulse
output port mode. When any of the D-Ai output enable bits is set to “1” (output enabled), the corresponding
pin is used only as pin DAi, not as any other multiplexed input/output pin (including a programmable I/O
port pin).
Fig. 13.2.2 Structure of D-A control register
(1) D-Ai output enable bits (Bits 0, 1)
Setting any of the D-Ai output enable bits to “1” (output enabled) allows the corresponding pin DAi to
output D-A converted analog voltage, regardless of the contents of the corresponding bits of the port
P7 direction register.
13.2.2 D-A register i (i = 0, 1)
Each pin DAi outputs the analog voltage corresponding to the value loaded in D-A register i. Figure 13.2.3
shows the structure of D-A register i.
0
1
7 to 2
Bit name
Bit
Function
At reset
R/W
D-A0 output enable bit
D-A1 output enable bit
Nothing is assigned.
b7 b6 b5 b4 b3 b2 b1 b0
0: Output is disabled.
1: Output is enabled. (Notes 1, 2)
0: Output is disabled.
1: Output is enabled. (Notes 1, 2)
0
0
RW
RW
—
D-A control register (Address 9616)
Notes 1: Pin DAi is multiplexed with an analog input pin, external interrupt input pin, and trigger input pin in the pulse output port mode.
When a D-Ai output enable bit = “1” (in other words, output is enabled.), however, the corresponding pin cannot function as
any other multiplexed input/output pin (including a programmable I/O port pin).
2: When not using the D-A converter, be sure to clear this bit to “0.”
0
7 to 0
Bit
D-A register i (i = 0, 1) (Addresses 9816, 9916)
Function
At reset
R/W
Any value in the range from 0016 through FF16 can be set (Note), and this
value will be D-A converted and will be output.
RW
b0
b7
Fig. 13.2.3 Structure of D-A register i
Undefined
Note: When not using the D-A converter, be sure to clear the contents of these bits to “0016.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com