Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 328Page - Renesas Technology Corp 7906 Datasheet HTML 329Page - Renesas Technology Corp 7906 Datasheet HTML 330Page - Renesas Technology Corp 7906 Datasheet HTML 331Page - Renesas Technology Corp 7906 Datasheet HTML 332Page - Renesas Technology Corp 7906 Datasheet HTML 333Page - Renesas Technology Corp 7906 Datasheet HTML 334Page - Renesas Technology Corp 7906 Datasheet HTML 335Page - Renesas Technology Corp 7906 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 531 page
background image
D-A CONVERTER
7906 Group User’s Manual Rev.2.0
13-5
13.4 Setting method
Figure 13.4.1 shows an initial setting example of registers related to the D-A converter.
Fig. 13.4.1 Initial setting example of registers related to D-A converter
13.5 Operation description
When any of the D-Ai output enable bits is set to “1,” the value loaded in D-A register i is converted to an
analog voltage, and the analog voltage is output from pin DAi.
The relationship between analog output voltage V and value n, which has been loaded in D-A register i, can
be expressed as follows :
V = VREF ✕
(n = 0 to 255)
VREF : Reference voltage
13.4 Setting method, 13.5 Operation description
Analog voltage output started
Setting of the D-Ai output enable bit to “1”.
b7
b0
D-A control register (Address 9616)
D-A0 output enable bit
D-A1 output enable bit
Setting of a value to D-A register i
b7
b0
D-A register 0 (Address 9816)
D-A register 1 (Address 9916)
A value (0016 to FF16) to be D-A converted is set.
n
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com