Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 331Page - Renesas Technology Corp 7906 Datasheet HTML 332Page - Renesas Technology Corp 7906 Datasheet HTML 333Page - Renesas Technology Corp 7906 Datasheet HTML 334Page - Renesas Technology Corp 7906 Datasheet HTML 335Page - Renesas Technology Corp 7906 Datasheet HTML 336Page - Renesas Technology Corp 7906 Datasheet HTML 337Page - Renesas Technology Corp 7906 Datasheet HTML 338Page - Renesas Technology Corp 7906 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 531 page
background image
WATCHDOG TIMER
7906 Group User’s Manual Rev.2.0
14-2
14.1 Block description
The watchdog timer functions as follows:
q Detects a program runaway.
q At stop mode termination, measures a certain time after oscillation starts. (Refer to section “15.3 Stop
mode.”)
14.1 Block description
Figure 14.1.1 shows the block diagram of the watchdog timer, and registers relevant to the watchdog timer
are described below.
1/ 16
Wf32
Wf512
f2
1/ 16
1
0
RESET
fX 16
fX 32
fX 64
fX 128
Wait mode
Divided f(XIN)
Watchdog timer clock source select
bits at STP termination
• Watchdog timer register: address 6016
• Watchdog timer frequency select bit: bit 0 at address 6116
• Watchdog timer clock source select bits at STP termination: bits 7, 6 at address 6116
❈ When the most significant bit of the watchdog timer becomes “0,” this signal will be generated.
Note: During the stop mode and until the stop mode is terminated, setting for disabling the
watchdog timer is ignored. (Refer to section “14.1.3 Particular function select register 2.”)
STP instruction
Writing to watchdog
timer register
Disables watchdog
timer (Note).
Watchdog timer
frequency select bit
Stop mode
Watchdog timer
“FFF16” is set.
❈
Watchdog timer
interrupt request
Fig. 14.1.1 Block diagram of watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com