Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 335Page - Renesas Technology Corp 7906 Datasheet HTML 336Page - Renesas Technology Corp 7906 Datasheet HTML 337Page - Renesas Technology Corp 7906 Datasheet HTML 338Page - Renesas Technology Corp 7906 Datasheet HTML 339Page - Renesas Technology Corp 7906 Datasheet HTML 340Page - Renesas Technology Corp 7906 Datasheet HTML 341Page - Renesas Technology Corp 7906 Datasheet HTML 342Page - Renesas Technology Corp 7906 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 531 page
background image
WATCHDOG TIMER
7906 Group User’s Manual Rev.2.0
14-6
Be sure to write dummy data to the watchdog timer register (address 6016) before the most significant bit
of the watchdog timer becomes “0.” When writing to the watchdog timer is not performed owing to a
program runaway and the watchdog timer’s most significant bit becomes “0,” a watchdog timer interrupt
request occurs. This informs that a program runaway has occurred.
In order to reset the microcomputer when a program runaway has been detected, write “1” to the software
reset bit (bit 6 at address 5E16) in the watchdog timer interrupt routine.
Figure 14.2.1 shows an example of a program runaway detected by the watchdog timer.
14.2 Operation description
RTI
Main routine
Watchdog timer interrupt routine
Watchdog timer register
(Address 6016)
8-bit dummy data
Watchdog timer
interrupt request occurrence
(In other words, program run-
away is detected.)
Watchdog timer initialized
(Value of watchdog timer :
“FFF16”) (Note 1)
Software reset bit
(bit 6 at address 5E16)
“1” (Note 2)
Reset microcomputer
Notes 1: Be sure to initialize the watchdog timer before the most significant bit of the
watchdog timer becomes “0.” (In other words, be sure to write dummy data to
address 6016 before a watchdog timer interrupt request occurs).
2: When a program runaway occurs, values of the data bank register (DT), direct
page register (DPRi), etc., may be changed. When “1” is written to the software
reset bit by an addressing mode using DT, DPRi, etc., be sure to set values to
DT and DPRi, etc. again.
Fig. 14.2.1 Example of program runaway detection by watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com