Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 337Page - Renesas Technology Corp 7906 Datasheet HTML 338Page - Renesas Technology Corp 7906 Datasheet HTML 339Page - Renesas Technology Corp 7906 Datasheet HTML 340Page - Renesas Technology Corp 7906 Datasheet HTML 341Page - Renesas Technology Corp 7906 Datasheet HTML 342Page - Renesas Technology Corp 7906 Datasheet HTML 343Page - Renesas Technology Corp 7906 Datasheet HTML 344Page - Renesas Technology Corp 7906 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 531 page
background image
WATCHDOG TIMER
7906 Group User’s Manual Rev.2.0
14-8
[Precautions for watchdog timer]
[Precautions for watchdog timer]
1. When dummy data has been written to address 6016 with the 16-bit data length, writing to address 6116
is simultaneously performed. Accordingly, when the user does not want to change the contents of the
watchdog timer frequency select bit (bit 0 at address 6116) and watchdog timer clock source select bits
at STP termination (bits 6, 7 at address 6116), be sure to write again the values which are currently set
in these bits, simultaneously with writing to address 6016.
2. When the STP instruction is executed, the watchdog timer stops its operation. If the STP instruction’s
code (3116, 3016) has accidentally been executed owing to a program runaway, the watchdog timer stops
its operation. Therefore, in the system where the watchdog timer is used to detect a program runaway,
we recommend that the STP instruction invalidity select bit (bit 0 at address 6216) = “1.” (STP instruction
is invalid.) Refer to section “15.3 Stop mode.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com