Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 341Page - Renesas Technology Corp 7906 Datasheet HTML 342Page - Renesas Technology Corp 7906 Datasheet HTML 343Page - Renesas Technology Corp 7906 Datasheet HTML 344Page - Renesas Technology Corp 7906 Datasheet HTML 345Page - Renesas Technology Corp 7906 Datasheet HTML 346Page - Renesas Technology Corp 7906 Datasheet HTML 347Page - Renesas Technology Corp 7906 Datasheet HTML 348Page - Renesas Technology Corp 7906 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 531 page
background image
STOP AND WAIT MODES
7906 Group User’s Manual Rev.2.0
15-4
15.2 Block description
15.2.1 Particular function select register 0
Figure 15.2.2 shows the structure of the particular function select register 0, and Figure 15.2.3 shows the
writing procedure for the particular function select register 0.
(1) STP instruction invalidity select bit (bit 0)
Setting this bit to “1” invalidates the STP instruction. When using the stop mode, be sure to clear this
bit to “0.”
Writing to this bit requires the following procedure:
• Write “5516” to address 6216.
• Succeedingly, write “0” or “1” to this bit. (See Figure 15.2.3.)
If an interrupt occurs between writing of “5516” and next writing of “0” or “1,” latter writing may be
ignored. When there is a possibility that an interrupt occurs at the above timing, be sure to read this
bit’s contents after writing of “0” or “1,” and verify whether “0” or “1” has correctly been written or not.
RW
(Note)
RW
(Note)
RW
0
0
0
Bit name
Bit
Particular function select register 0 (Address 6216)
Function
At reset
R/W
STP instruction invalidity select bit
External clcok input select bit
Fix these bits to “000000.”
b7 b6 b5 b4 b3 b2 b1 b0
0 : STP instruction is valid.
1 : STP instruction is invalid.
0 : Oscillation circuit is active. (Oscillator is connected.)
Watchdog timer is used at stop mode termination.
1 : Oscillation circuit is inactive. (External clock is
input.)
When the system clock select bit (bit 5 at address BC16) = “0,”
watchdog timer is not used at stop mode termination.
When the system clock select bit = “1,”
watchdog timer is used at stop mode termination.
00
0
00
0
Fig. 15.2.2 Structure of particular function select register 0
Note: Writing to these bits requires the following procedure:
• Write “5516” to this register. (The bit status does not change only by this writing.)
• Succeedingly, write “0” or “1” to each bit.
Also, use the MOVMB (MOVM when m = 1) instruction or STAB (STA when m = 1) instruction.
If an interrupt occurs between writing of “5516” and next writing of “0” or “1,” latter writing may be ignored. When there is a
possibility that an interrupt occurs at the above timing, be sure to read this bit’s contents after writing of “0” or “1,” and verify
whether “0” or “1” has correctly been written or not.
0
1
7 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com