Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 339Page - Renesas Technology Corp 7906 Datasheet HTML 340Page - Renesas Technology Corp 7906 Datasheet HTML 341Page - Renesas Technology Corp 7906 Datasheet HTML 342Page - Renesas Technology Corp 7906 Datasheet HTML 343Page - Renesas Technology Corp 7906 Datasheet HTML 344Page - Renesas Technology Corp 7906 Datasheet HTML 345Page - Renesas Technology Corp 7906 Datasheet HTML 346Page - Renesas Technology Corp 7906 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 531 page
background image
STOP AND WAIT MODES
7906 Group User’s Manual Rev.2.0
15-2
15.1 Overview
15.1 Overview
When there is no need for operation of the central processing unit (CPU), the stop and wait modes are used
to stop oscillation or internal clock. As a result, the power consumption can be saved. The microcomputer
enters the stop mode when the STP instruction has been executed; the microcomputer enters the wait mode
when the WIT instruction has been executed.
The stop and wait modes are terminated by an interrupt request occurrence or hardware reset.
Table 15.1.1 lists the states in the stop and wait modes and operations after these modes are terminated.
Table 15.1.1 States in stop and wait modes and operations after these modes are terminated
Active.
Operates (Note 1).
Inactive.
Active.
Inactive.
Operates.
Operates.
Operates.
Operates.
Stopped.
Retains the state at the WIT instruction execution.
Inactive.
Can operate only in the
event counter mode.
Can operate only when an
external clock is selected.
Stopped.
Stopped.
When watchdog timer is used at
termination (See Figure 15.3.1.)
Stop mode
Operation after hardware reset
Inactive.
Stopped.
Inactive.
Inactive.
Inactive.
Can operate only in the event counter mode.
Can operate only when an external clock is
selected.
Stopped.
Stopped.
Stopped.
Retains the state at the STP instruction execution.
Timers A, B
Serial I/O
A-D converter
D-A converter
Watchdog timer
Pins
Supply of
φCPU, φBIU starts after a
certain time has been measured
by using the watchdog timer.
Oscillation
PLL frequency multiplier
φCPU, φBIU
fsys, clock
φ1,
f1 to f4096
Wf32, Wf512
When watchdog timer is not used
at termination (See Figure 15.3.1.)
Wait mode
System clock is active.
(Bit 3 at address 6316 = “0”)
System clock is inactive.
(Bit 3 at address 6316 = “1”)
Supply of
φCPU, φBIU starts
immediately after termi-
nation (Note 2).
Operation after hardware reset
Supply of
φCPU, φBIU starts immediately after
termination.
Notes 1: This applies when the PLL circuit operation enable bit (bit 1 at address BC16) = “1.”
2: See Table 15.3.2.
Item
Termination due
to interrupt request
occurrence
Termination due
to hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com