Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 343Page - Renesas Technology Corp 7906 Datasheet HTML 344Page - Renesas Technology Corp 7906 Datasheet HTML 345Page - Renesas Technology Corp 7906 Datasheet HTML 346Page - Renesas Technology Corp 7906 Datasheet HTML 347Page - Renesas Technology Corp 7906 Datasheet HTML 348Page - Renesas Technology Corp 7906 Datasheet HTML 349Page - Renesas Technology Corp 7906 Datasheet HTML 350Page - Renesas Technology Corp 7906 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 531 page
background image
STOP AND WAIT MODES
7906 Group User’s Manual Rev.2.0
15-6
15.2 Block description
15.2.2 Particular function select register 1
Figure 15.2.4 shows the structure of the particular function select register 1.
Notes 1: At power-on rest, this bit becomes “0.” At hardware reset or software reset, this bit retains the value just before reset.
2: Even when “1” is written, the bit status will not change.
3: Setting this bit to “1” must be performed just before execution of the WIT instruction. Also, after the wait state is terminated,
this bit must be cleared to “0” immediately.
(Note 1)
(Note 1)
0
0
0
0
0
0
Bit name
Bit
Particular function select register 1 (Address 6316)
Function
At reset
R/W
STP-instruction-execution status
bit
WIT-instruction-execution status
bit
Fix this bit to “0”.
System clock stop select bit at
WIT
(Note 3)
Fix this bit to “0”.
The value is “0” at reading.
Timer B2 clock source select bit
(Valid in event counter mode)
The value is “0” at reading.
b7 b6 b5 b4 b3 b2 b1 b0
0 : Normal operation.
1 : STP instruction has been executed.
0 : Normal operation.
1 : WIT instruction has been executed.
0 : In wait mode, system clock fsys is active.
1 : In wait mode, system clock fsys is stopped.
0 : External signal input to the TB2IN pin is counted.
1 : fX32 is counted.
RW
(Note 2)
RW
(Note 2)
RW
RW
RW
—
RW
—
Fig. 15.2.4 Structure of particular function select register 1
0
1
2
3
4
5
6
7
(1) STP-instruction-execution status bit (bit 0)
When the microcomputer enters the stop mode, this bit becomes “1,” indicating that the STP instruction
has been executed.
This bit becomes “0” at power-on reset. At hardware reset and software reset, this bit retains the value
immediately before reset. Therefore, this bit is used for the following verification:
• Which of the power-on reset and hardware reset has been used to reset the system?
• Has the hardware reset been used for the stop mode termination?
This bit is cleared to “0” by writing “0” to this bit. Although, even when “1” is written to this bit, this
bit does not change.
At the stop mode termination, be sure to clear this bit to “0” by software.
(2) WIT-instruction-execution status bit (bit 1)
When the microcomputer enters the wait mode, this bit becomes “1,” indicating that the WIT instruction
has been executed.
This bit becomes “0” at power-on reset. At hardware reset and software reset, this bit retains the value
immediately before reset. Therefore, this bit is used for the following verification:
• Which of the power-on reset and hardware reset has been used to reset the system?
• Has the hardware reset been used for the wait mode termination?
This bit is cleared to “0” by writing “0” to this bit. Although, even when “1” is written to this bit, this
bit does not change.
At the wait mode termination, be sure to clear this bit to “0” by software.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com