Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 347Page - Renesas Technology Corp 7906 Datasheet HTML 348Page - Renesas Technology Corp 7906 Datasheet HTML 349Page - Renesas Technology Corp 7906 Datasheet HTML 350Page - Renesas Technology Corp 7906 Datasheet HTML 351Page - Renesas Technology Corp 7906 Datasheet HTML 352Page - Renesas Technology Corp 7906 Datasheet HTML 353Page - Renesas Technology Corp 7906 Datasheet HTML 354Page - Renesas Technology Corp 7906 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 531 page
background image
STOP AND WAIT MODES
7906 Group User’s Manual Rev.2.0
15-10
15.3 Stop mode
Fig. 15.3.1 Stop mode terminate sequence owing to interrupt request occurrence
q Interrupt
request to
be used for
termination
occurs.
q Clock input from pin XIN starts.
q Watchdog timer starts counting.
Stop mode
φBIU
fXIN
φ1
Operating
Stopped
Operating
Operating
Stopped
Operating
CPU
Internal peripheral devices
q STP instru-
ction is
executed.
Value of watchdog timer
7FF16
Interrupt request to be
used for stop mode
termination
(Interrupt request bit)
FFF16
q Each supply of
φCPU, φBIU starts.
q Interrupt request which was used
for termination is accepted.
s When not using watchdog timer
(Note)
Stopped
Operating
Note: Time listed in Table 15.3.2. See Figure 19.1.3 for the built-in flash memory version.
Operating
Stopped
Stopped
Operating
Operating
Stopped
Operating
Operating
CPU
Internal peripheral devices
q Interrupt request to be used for
termination occurs.
q Oscillation starts.
(When an external clock is input
from pin XIN, clock input starts.)
q PLL frequency multiplier starts its
operation.
q Watchdog timer starts counting.
Value of watchdog timer
7FF16
Interrupt request to be
used for stop mode
termination
(Interrupt request bit)
FFF16
q Watchdog timer’s MSB = “0”
(However, watchdog timer interrupt
request does not occur.)
q Each supply of
φCPU, φBIU starts.
q Interrupt request which was used for
termination is accepted.
Stop mode
φBIU
fXIN
φ1
q STP instru-
ction is
executed.
s When using watchdog timer
fPLL
fXi ✕ 2048 counts
(Note)
Note: This applies when the PLL circuit operation enable bit (bit 1 at address BC16) = “1.”
These are clocks selected by the watchdog timer clock source select bits at STP termination (bits 7, 6 at address 6116.)
fXi : fX16, fX32, fX64, fX128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com