Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 344Page - Renesas Technology Corp 7906 Datasheet HTML 345Page - Renesas Technology Corp 7906 Datasheet HTML 346Page - Renesas Technology Corp 7906 Datasheet HTML 347Page - Renesas Technology Corp 7906 Datasheet HTML 348Page - Renesas Technology Corp 7906 Datasheet HTML 349Page - Renesas Technology Corp 7906 Datasheet HTML 350Page - Renesas Technology Corp 7906 Datasheet HTML 351Page - Renesas Technology Corp 7906 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 531 page
background image
STOP AND WAIT MODES
7906 Group User’s Manual Rev.2.0
15-7
15.2 Block description
Fig. 15.2.5 Structure of watchdog timer frequency select register
15.2.3 Watchdog timer frequency select register
Figure 15.2.5 shows the structure of the watchdog timer frequency select register.
RW
—
RW
RW
Bit name
Bit
0
5 to 1
6
7
Watchdog timer frequency select register (Address 6116)
Function
At reset
R/W
Watchdog timer frequency
select bit
Nothing is assigned.
Watchdog timer clock source
select bits at STP termination
0
Undefined
0
0
b7 b6 b5 b4 b3 b2 b1 b0
0 : Wf512
1 : Wf32
0 0 : fX32
0 1 : fX16
1 0 : fX128
1 1 : fX64
b7 b6
(1) Watchdog timer clock source select bits at STP termination (bits 7, 6)
These bits are used to select a count source at stop mode termination.
For details of the operation at stop mode termination, refer to section “15.3 Stop mode.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com