| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 353 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 353 Page - Renesas Technology Corp |
|
353 / 531 page ![]() STOP AND WAIT MODES 7906 Group User’s Manual Rev.2.0 15-12 15.4 Wait mode 15.4 Wait mode When the WIT instruction is executed, both of φCPU and φBIU become inactive. (The oscillation does not become inactive.) This state is called “wait mode.” (See Table 15.1.1.) In the wait mode, the power consumption can be saved with Vcc (the power source voltage) retained. When using no internal peripheral device in the wait mode, the power consumption can be saved furthermore since each of fsys and internal peripheral device’s operation clock can be inactive. (Refer to section “16.2 Stop of system clock in wait mode.”) The wait mode is terminated owing to an interrupt request occurrence or hardware reset. The wait mode terminate operation is described below. 15.4.1 Terminate operation at interrupt request occurrence ➀ When an interrupt request occurs, each supply of φCPU and φBIU starts. ➁ The interrupt request which occurred in ➀ is accepted. Table 15.4.1 lists the interrupts which can be used for the wait mode termination. Before executing the WIT instruction, be sure to enable an interrupt which is to be used for the wait mode termination. Also, make sure that the interrupt priority level of an interrupt, which is to be used for termination, is higher than the processor interrupt priority level (IPL) of a routine where the WIT instruction is executed. Also, when multiple interrupts in Table 15.4.1 are enabled, the wait mode is terminated owing to the interrupt request which occurs first. 15.4.2 Terminate operation at hardware reset Although each of the CPU and SFR area is initialized, the contents of the internal RAM immediately before the WIT instruction execution are retained. The terminate sequence is the same as the internal processing sequence after reset. For reset, refer to “CHAPTER 3. RESET.” Also, the WIT-instruction-execution status bit (bit 1 at address 6316) is used for the following verification: • Which of the power-on reset and hardware reset has been used to reset the system? • Has the hardware reset been used for the wait mode termination? Table 15.4.1 Interrupts which can be used for wait mode termination In event counter mode When an external clock is selected. Do not use. INTi interrupt (i = 3 to 7) Timer Ai interrupt (i = 0 to 2, 4, 9) Timer Bi interrupt (i = 0 to 2) UARTi transmit interrupt (i = 0, 1) UARTi receive interrupt (i = 0, 1) A-D conversion interrupt Notes 1: When multiple interrupts are enabled, the wait mode is terminated owing to the interrupt request which occurs first. 2: For interrupts, refer to “CHAPTER 6. INTERRUPTS” and each peripheral device’s chapter. Interrupt System clock in action Usage conditions for interrupt request occurrences System clock out of action |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |