Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 353Page - Renesas Technology Corp 7906 Datasheet HTML 354Page - Renesas Technology Corp 7906 Datasheet HTML 355Page - Renesas Technology Corp 7906 Datasheet HTML 356Page - Renesas Technology Corp 7906 Datasheet HTML 357Page - Renesas Technology Corp 7906 Datasheet HTML 358Page - Renesas Technology Corp 7906 Datasheet HTML 359Page - Renesas Technology Corp 7906 Datasheet HTML 360Page - Renesas Technology Corp 7906 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 531 page
background image
POWER SAVING FUNCTIONS
7906 Group User’s Manual Rev.2.0
16-4
16.1 Overview
Fig. 16.1.2 Writing procedure for particular function select register 0
(1) External clock input select bit (bit 1)
When this bit = “0,” the oscillation driver circuit between pins XIN and XOUT is operationg. Also, at the
stop mode termination owing to an interrupt request occurrence, the watchdog timer is used.
Setting this bit to “1” stops the oscillation driver circuit between pins XIN and XOUT and keeps the output
level at pin XOUT being “H.” (Refer to section “16.3 Stop of oscillation circuit.”) At the stop mode
termination owing to an interrupt request occurrence, the watchdog timer is not used if the system
clock select bit (bit 5 at address BC16) = “0,” where as the watchdog timer is used if the system clock
select bit = “1.”
To rewrite this bit, write “0” or “1” just after writing of “5516” to address 6216. (See Figure 16.1.2.)
Note that if an interrupt occurs between writing of “5516” and next writing of “0” or “1,” latter writing
may be ignored. When there is a possibility that an interrupt occurs at the above timing, be sure to
read this bit’s contents after writing of “0” or “1,” and verify whether “0” or “1” has correctly been
written or not.
In addition, even when the watchdog timer is disabled by the particular function select register 2
(address 6416), the watchdog timer can be active only at the stop mode termination if this bit = “0.”
(Refer to section “15.3 Stop mode.”)
00
0
Writing of “5516”
b0
Particular function select register 0 (Address 6216)
b7
1
Setting completed
1
0
Writing to bits 0, 1
b0
Particular function select register 0 (Address 6216)
b7
External clock input select bit
0 : Oscillation circuit is active. (Oscillator is connected.)
Watchdog timer is used at stop mode termination.
1 : Oscillation circuit is inactive. (External clock is input.)
When the system clock select bit (bit 5 at address BC16) = “0,”
watchdog timer is not used at stop mode termination.
When the system clock select bit = “1,”
watchdog timer is used at stop mode termination.
STP instruction invalidity select bit
0 : STP instruction is valid.
1 : STP instruction is invalid.
Next
instruction
Note: Bits’ state does not change only
by writing of “5516.”
00
0
00
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com