Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 356Page - Renesas Technology Corp 7906 Datasheet HTML 357Page - Renesas Technology Corp 7906 Datasheet HTML 358Page - Renesas Technology Corp 7906 Datasheet HTML 359Page - Renesas Technology Corp 7906 Datasheet HTML 360Page - Renesas Technology Corp 7906 Datasheet HTML 361Page - Renesas Technology Corp 7906 Datasheet HTML 362Page - Renesas Technology Corp 7906 Datasheet HTML 363Page - Renesas Technology Corp 7906 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 531 page
background image
POWER SAVING FUNCTIONS
7906 Group User’s Manual Rev.2.0
16-7
16.3 Stop of oscillation circuit, 16.4 Pin VREF disconnection
16.3 Stop of oscillation circuit
When a stable clock externally generated is input to pin XIN, power consumption can be saved by setting
the external clock input select bit to “1” to stop the drive circuit for oscillation between pins XIN and XOUT.
(See Figure 16.1.1.) At this time, the output level at pin XOUT is fixed to “H.” Also, if the system clock select
bit (bit 5 at address BC16) = “0,” the watchdog timer is not used when the stop mode is terminated owing
to an interrupt request occurrence; therefore, the microcomputer can start instruction execution just after
termination of the stop mode. When the system clock select bit = “1,” in this case, the watchdog timer is
used.
16.4 Pin VREF disconnection
When the A-D converter is not used, power consumption can be saved by setting the VREF connection select
bit (See Figure 16.4.1) to “1.” It is because the reference voltage input pin (VREF) is disconnected from the
ladder resistors of the A-D converter, and there is no current flow between them.
When the VREF connection select bit has been cleared from “1” (VREF disconnected) to “0” (VREF connected),
be sure to start the A-D conversion after an interval of 1 µs or more has elapsed.
Fig. 16.4.1 Structure of A-D control register 1
0
1
2
3
4
5
6
7
Undefined
Undefined
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
–
A-D control register 1 (Address 1F16
)
A-D sweep pin select bits
(Valid in the single sweep mode and
repeat sweep mode 0.)
(Note 1)
Fix this bit to “0.”
Resolution select bit
A-D conversion frequency (
φAD) select
bit 1
Fix this bit to “0.”
VREF connection select bit (Note 4)
The value is “0” at reading.
0 0 : Pins AN0 and AN1 (2 pins)
0 1 : Pins AN0 to AN3 (4 pins) (Note 2)
1 0 : Pins AN0 to AN4 (5 pins) (Notes 2, 3)
1 1 : Do not select.
b1 b0
0 : 8-bit resolution mode
1 : 10-bit resolution mode
See Table 12.2.1.
0
0 : Pin VREF is connected.
1 : Pin VREF is disconnected.
Bit name
Bit
Function
At reset
R/W
Notes 1: These bits are invalid in the one-shot and repeat modes. (They may be either “0” or “1.”)
2: When using pin AN3, be sure that the D-A0 output enable bit (bit 0 at address 9616) = “0” (output disabled).
3: When using pin AN4, be sure that the D-A1 output enable bit (bit 1 at address 9616) = “0” (output disabled).
4: When this bit is cleared from “1” to “0,” be sure to start the A-D conversion after an interval of 1 µs or more has elapsed.
5: Writing to each bit of the A-D control register 1 must be performed while the A-D converter halts, regardless of the A-D
operation mode.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com