Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 355Page - Renesas Technology Corp 7906 Datasheet HTML 356Page - Renesas Technology Corp 7906 Datasheet HTML 357Page - Renesas Technology Corp 7906 Datasheet HTML 358Page - Renesas Technology Corp 7906 Datasheet HTML 359Page - Renesas Technology Corp 7906 Datasheet HTML 360Page - Renesas Technology Corp 7906 Datasheet HTML 361Page - Renesas Technology Corp 7906 Datasheet HTML 362Page - Renesas Technology Corp 7906 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 531 page
background image
POWER SAVING FUNCTIONS
7906 Group User’s Manual Rev.2.0
16-6
16.2 Inactivity of system clock in wait mode
16.2 Inactivity of system clock in wait mode
In the wait mode, if there is not need to operate the internal peripheral devices, setting the system clock
stop select bit at WIT (See Figure 16.1.3.) to “1” makes the following clocks inactive: the operating clocks
for the internal peripheral devices and fsys. This saves the power consumption of the microcomputer.
Table 16.2.1 lists the states and operations in the wait mode and after this mode is terminated.
Table 16.2.1 States and operations in wait mode and after this mode is terminated
Active.
Operates (Note).
Inactive.
Active.
Inactive.
Operates.
Operates.
Operates.
Operates.
Stopped.
Retains the state at the WIT instruction execution.
System clock is inactive. (bit 3 at address 6316 = 1)
Inactive.
Can operate only in the event counter mode.
Can operate only when an external clock is selected.
Stopped.
Stopped.
Item
Termination due to
interrupt request
occurrence
Timers A, B
Serial I/O
A-D converter
D-A converter
Watchdog timer
Pins
Oscillation
PLL frequency multiplier
φCPU, φBIU
fsys, Clock
φ1,
f1 to f4096
Wf32, Wf512
System clock is active. (bit 3 at address 6316 = 0)
Note: This applies when the PLL circuit operation enable bit (bit 1 at address BC16) = “1.”
Termination due to
hardware reset
Supply of
φCPU, φBIU starts immediately just after termination.
Operation after hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com