Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 354Page - Renesas Technology Corp 7906 Datasheet HTML 355Page - Renesas Technology Corp 7906 Datasheet HTML 356Page - Renesas Technology Corp 7906 Datasheet HTML 357Page - Renesas Technology Corp 7906 Datasheet HTML 358Page - Renesas Technology Corp 7906 Datasheet HTML 359Page - Renesas Technology Corp 7906 Datasheet HTML 360Page - Renesas Technology Corp 7906 Datasheet HTML 361Page - Renesas Technology Corp 7906 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 531 page
background image
POWER SAVING FUNCTIONS
7906 Group User’s Manual Rev.2.0
16-5
16.1.2 Particular function select register 1
Figure 16.1.3 shows the structure of the particular function select register 1.
Fig. 16.1.3 Structure of particular function select register 1
(1) System clock stop select bit at WIT (bit 3)
Setting this bit to “1” makes the following clocks inactive in the wait mode: the operating clocks for
the internal peripheral devices and fsys. (Refer to section “16.2 Inactivity of system clock in wait
mode.”)
16.1 Overview
0
1
2
3
4
5
6
7
RW
(Note 2)
RW
(Note 2)
RW
RW
RW
—
RW
—
Notes 1: At power-on reset, this bit becomes “0.” At hardware reset or software reset, this bit retains the value just before reset.
2: Even when “1” is written, the bit status will not change.
3: Setting this bit to “1” must be performed just before execution of the WIT instruction. Also, after the wait state is termi-
nated, this bit must be cleared to “0” immediately.
(Note 1)
(Note 1)
0
0
0
0
0
0
Particular function select register 1 (Address 6316)
b7 b6 b5 b4 b3 b2 b1 b0
Bit name
Bit
Function
At reset
R/W
STP-instruction-execution
status bit
WIT-instruction-execution
status bit
Fix this bit to “0.”
System clock stop select bit
at WIT
(Note 3)
Fix this bit to “0.”
The value is “0” at reading.
Timer B2 clock source select bit
(Valid in event counter mode.)
The value is “0” at reading.
0 : Normal operation.
1 : During execution of STP instruction
0 : Normal operation.
1 : During execution of WIT instruction
0 : External signal input to the TB2IN pin is counted.
1 : fX32 is counted.
0 : In the wait mode, system clock fsys is active.
1 : In the wait mode, system clock fsys is inactive.
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com