Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 360Page - Renesas Technology Corp 7906 Datasheet HTML 361Page - Renesas Technology Corp 7906 Datasheet HTML 362Page - Renesas Technology Corp 7906 Datasheet HTML 363Page - Renesas Technology Corp 7906 Datasheet HTML 364Page - Renesas Technology Corp 7906 Datasheet HTML 365Page - Renesas Technology Corp 7906 Datasheet HTML 366Page - Renesas Technology Corp 7906 Datasheet HTML 367Page - Renesas Technology Corp 7906 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 531 page
background image
DEBUG FUNCTION
7906 Group User’s Manual Rev.2.0
17-3
17.2 Block description
17.2.1 Debug control register 0
Figure 17.2.2 shows the structure of the debug control register 0.
(1) Detect condition select bits (bits 0 to 2)
These bits are used to select an occurrence condition for an address matching detection interrupt
request. This condition can be selected from the following:
s Address matching detection 0
An address matching detection interrupt request occurs when the contents of PG and PC match
with the address being set in the address compare register 0 (addresses 6816 to 6A16); (Refer to
section “17.3 Address matching detection mode.”)
s Address matching detection 1
An address matching detection interrupt request occurs when the contents of PG and PC match
with the address being set in the address compare register 1 (addresses 6B16 to 6D16); (Refer to
section “17.3 Address matching detection mode.”)
s Address matching detection 2
An address matching detection interrupt request occurs when the contents of PG and PC match
with the address being set in the address compare register 0 (addresses 6816 to 6A16) or address
compare register 1 (addresses 6B16 to 6D16); (Refer to section “17.3 Address matching detection
mode.”)
s Out-of-address-area detection
An address matching detection interrupt request occurs when the contents of PG and PC are less
than the address being set in the address compare register 0 (addresses 6816 to 6A16) or larger
than the address compare register 1 (addresses 6B16 to 6D16); (Refer to section “17.4 Out-of-
address-area detection mode.”)
Fig. 17.2.2 Structure of debug control register 0
0
1
2
3
4
5
6
7
Notes 1: These bits are valid when the detect enable bit (bit 5) = “1.” Therefore, these bits must be set before or simultaneously with
setting of the detect enable bit to “1.”
2: At power-on reset, each bit becomes “0”; at hardware reset or software reset, each bit retains the value immediately
before reset.
Bit name
Bit
Debug control register 0 (Address 6616)
Function
Detect condition select bits
(Note 1)
Fix these bits to “00.”
Detect enable bit
Fix this bit to “0.”
The value is “1” at reading.
RW
RW
RW
RW
RW
RW
RW
—
b7 b6 b5 b4 b3 b2 b1 b0
0 0 0 : Do not select.
0 0 1 : Address matching detection 0
0 1 0 : Address matching detection 1
0 1 1 : Address matching detection 2
1 0 0 : Do not select.
1 0 1 : Out-of-address-area detection
1 1 0 :
1 1 1 :
b2 b1 b0
0 : Detection disabled.
1 : Detection enabled.
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
1
Do not select.
00 0
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com