Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 363Page - Renesas Technology Corp 7906 Datasheet HTML 364Page - Renesas Technology Corp 7906 Datasheet HTML 365Page - Renesas Technology Corp 7906 Datasheet HTML 366Page - Renesas Technology Corp 7906 Datasheet HTML 367Page - Renesas Technology Corp 7906 Datasheet HTML 368Page - Renesas Technology Corp 7906 Datasheet HTML 369Page - Renesas Technology Corp 7906 Datasheet HTML 370Page - Renesas Technology Corp 7906 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 531 page
background image
DEBUG FUNCTION
7906 Group User’s Manual Rev.2.0
17-6
17.3 Address matching detection mode
17.3 Address matching detection mode
When the contents of PG and PC match with the specified address, an address matching detection interrupt
request occurs.
17.3.1 Setting procedure for address matching detection mode
Figure 17.3.1 shows an initial setting example for registers relevant to the address matching detection
mode.
Fig. 17.3.1 Initial setting example for registers relevant to address matching detection mode
Selection of detect condition
b7
b0
Debug control register 0 (Address 6616)
00
0
0 0 1 : Address matching detection 0
0 1 0 : Address matching detection 1
0 1 1 : Address matching detection 2
b1 b0
b2
Detect enable bit
0 : Detection disabled.
Detect condition select bits
Detection starts.
0
Processing for setting of address compare registers
b7
b0
Debug control register 1 (Address 6716)
11
Address compare register access enable bit
(Note 1)
1 : Enabled.
b23
b0 Address compare register 0
(Addresses 6A16 to 6816)
Address compare register 1
(Addresses 6D16 to 6B16)
The address to be detected is set here.
Setting of address compare registers
b7
b0
Debug control register 1 (Address 6716)
0
Address compare register access enable bit
(Note 1)
0 : Disabled.
Set the detect enable bit to “1.”
b7
b0
Debug control register 0 (Address 6616)
Detect enable bit
1 : Detection enabled.
1
0
Disables interrupts.
The interrupt disable flag (I) is set to “1.”
Clear the interrupt disable flag (I) to “0” (Note 2).
Notes 1: Be sure to set this bit to “1” immediately before reading from or
writing to the address compare registers 0, 1. Then, be sure to
clear this bit to “0” immediately after this reading or writing.
2: This processing is unnecessary when no maskable interrupt is
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com