Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 361Page - Renesas Technology Corp 7906 Datasheet HTML 362Page - Renesas Technology Corp 7906 Datasheet HTML 363Page - Renesas Technology Corp 7906 Datasheet HTML 364Page - Renesas Technology Corp 7906 Datasheet HTML 365Page - Renesas Technology Corp 7906 Datasheet HTML 366Page - Renesas Technology Corp 7906 Datasheet HTML 367Page - Renesas Technology Corp 7906 Datasheet HTML 368Page - Renesas Technology Corp 7906 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 531 page
background image
DEBUG FUNCTION
7906 Group User’s Manual Rev.2.0
17-4
17.2.2 Debug control register 1
Figure 17.2.3 shows the structure of the debug control register 1.
Fig. 17.2.3 Structure of debug control register 1
(1) Address compare register access enable bit (bit 2)
Setting this bit to “1” enables reading from or writing to the contents of address compare registers 0
and 1 (addresses 6816 to 6D16), while clearing this bit to “0” disables this reading or writing.
Be sure to set this bit to “1” immediately before reading from or writing to the address compare
registers 0 and 1, and then clear it to “0” immediately after this reading or writing.
(2) Address-matching-detection 2 decision bit (bit 6)
When the address matching detection 2 is selected, this bit is used to decide which of the addresses
being set in the address compare registers 0 and 1 matches with the contents of PG and PC.
This bit is cleared to “0” when the contents of PG and PC matches with the address being set in
address compare register 0 and set to “1” when the contents of PG and PC match with the one being
set in the address compare register 1.
This bit is invalid when the address matching detection 0 and 1 are selected.
(Note 1)
(Note 1)
0
0
Undefined
0
0
0
0
1
2
3
4
5
6
7
RW
RO
RW
RW
—
RO
RO
—
Bit name
Bit
Debug control register 1 (Address 6716)
Function
At reset
R/W
Fix this bit to “0.”
The value is “0” at reading.
Address compare register
access enable bit (Note 2)
Fix this bit to “1” when using the debug function.
Nothing is assigned.
While a debugger is not used, the value is “0” at reading.
While a debugger is used, the value is “1” at reading.
Address-matching-detection 2
decision bit
(Valid when the address match-
ing detection 2 is selected.)
The value is “0” at reading.
0
0 : Disabled.
1 : Enabled.
0 : Matches with the contents of the address com-
pare register 0.
1 : Matches with the contents of the address com-
pare register 1.
1
Notes 1: At power-on reset, each bit become “0”; at hardware reset or software reset, each bit retains the value immediately before reset.
2: Be sure to set this bit to “1” immediately before the access to the address compare registers 0 and 1 (addresses 6816 to
6D16). Then, be sure to clear this bit to “0” immediately after this access.
b7 b6 b5 b4 b3 b2 b1 b0
17.2 Block description
(2) Detect enable bit (bit 5)
If any selected condition is satisfied when this bit = “1,” an address matching detection interrupt
request occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com