Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 362Page - Renesas Technology Corp 7906 Datasheet HTML 363Page - Renesas Technology Corp 7906 Datasheet HTML 364Page - Renesas Technology Corp 7906 Datasheet HTML 365Page - Renesas Technology Corp 7906 Datasheet HTML 366Page - Renesas Technology Corp 7906 Datasheet HTML 367Page - Renesas Technology Corp 7906 Datasheet HTML 368Page - Renesas Technology Corp 7906 Datasheet HTML 369Page - Renesas Technology Corp 7906 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 531 page
background image
DEBUG FUNCTION
7906 Group User’s Manual Rev.2.0
17-5
17.2 Block description
17.2.3 Address compare registers 0 and 1
Each of the address compare registers 0 and 1 consists of 24 bits, and the address to be detected is set
here.
Figure 17.2.4 shows the structures of the address compare registers 0 and 1.
At op-code fetch, the contents of PG and PC are compared with the addresses being set in the address
compare register 0 or 1. Therefore, be sure to set the start address of an instruction into the address
compare register 0 or 1. If such an address as in the middle of instructions or in the data table is set into
the address compare register 0 or 1, no address matching detection interrupt request occurs because this
address does not match with the contents of PG and PC.
Note that, before the instruction at the address being set in the address compare register 0 or 1 is
executed, an address matching detection interrupt request occurs and is accepted.
Fig. 17.2.4 Structures of address compare registers 0 and 1
Address compare register 0 (Addresses 6A16 to 6816)
Address compare register 1 (Addresses 6D16 to 6B16)
Undefined
23 to 0
Bit
Function
At reset
R/W
The address to be detected (in other words, the start address of instructions) is set here.
RW
b0
b7
b7
b0
b7
(b23)
(b8)
(b15)
(b16)
b0
Note: When accessing to these registers, be sure to set the address compare register access enable bit (bit 2 at address 6716) to “1”
immediately before the access. Then, be sure to clear this bit to “0” immediately after this access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com